Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD602AR Datasheet(PDF) 11 Page - Analog Devices

Part # AD602AR
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD602AR Datasheet(HTML) 11 Page - Analog Devices

Back Button AD602AR Datasheet HTML 7Page - Analog Devices AD602AR Datasheet HTML 8Page - Analog Devices AD602AR Datasheet HTML 9Page - Analog Devices AD602AR Datasheet HTML 10Page - Analog Devices AD602AR Datasheet HTML 11Page - Analog Devices AD602AR Datasheet HTML 12Page - Analog Devices AD602AR Datasheet HTML 13Page - Analog Devices AD602AR Datasheet HTML 14Page - Analog Devices AD602AR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD600/AD602
Rev. E | Page 11 of 28
It is apparent from the foregoing that it is essential to use a low
resistance in the design of the ladder network to achieve low
noise. In some applications, this can be inconvenient, requiring
the use of an external buffer or preamplifier. However, very few
amplifiers combine the needed low noise with low distortion at
maximum input levels, and the power consumption required to
achieve this performance is quite high (due to the need to
maintain very low resistance values while also coping with large
inputs). On the other hand, there is little value in providing a
buffer with high input impedance, because the usual reason for
this—the minimization of loading of a high resistance source—
is not compatible with low noise.
Apart from the small variations just mentioned, the SNR at the
output is essentially independent of the attenuator setting,
because the maximum undistorted output is 1 V rms and the
NSD at the output of the AD600 is fixed at 113 × 114 nV/√Hz,
or 158 nV/√Hz. Therefore, in a 1 MHz bandwidth, the output
SNR is 76 dB. The input NSD of the AD600/AD602 are the
same, but because of the 10 dB lower gain in the AD602’s fixed
amplifier, its output SNR is 10 dB better, or 86 dB in a 1 MHz
bandwidth.
THE GAIN-CONTROL INTERFACE
The attenuation is controlled through a differential, high
impedance (15 MΩ) input, with a scaling factor that is laser
trimmed to 32 dB per volt, that is, 31.25 mV/dB. Each of the
two amplifiers has its own control interface. An internal band
gap reference ensures stability of the scaling with respect to
supply and temperature variations and is the only circuitry
common to both channels.
When the differential input voltage VG = 0 V, the attenuator
slider is centered, providing an attenuation of +21.07 dB,
resulting in an overall gain of +20 dB (= –21.07 dB + +41.07 dB).
When the control input is −625 mV, the gain is lowered by
+20 dB (= +0.625 × +32) to 0 dB; when set to +625 mV, the
gain is increased by +20 dB to +40 dB. When this interface is
overdriven in either direction, the gain approaches either
−1.07 dB (= −42.14 dB + +41.07 dB) or +41.07 dB (= 0 +
+41.07 dB), respectively.
The gain of the AD600 can be calculated by
Gain (dB) = 32 VG + 20
(1)
where VG is in volts.
For the AD602, the expression is
Gain (dB) = 32 VG + 10
(2)
Operation is specified for VG in the range from −625 mV dc to
+625 mV dc. The high impedance gain-control input ensures
minimal loading when driving many amplifiers in multiple-
channel applications. The differential input configuration
provides flexibility in choosing the appropriate signal levels
and polarities for various control schemes.
For example, the gain-control input can be fed differentially to
the inputs or single-ended by simply grounding the unused
input. In another example, if the gain is controlled by a DAC
providing a positive-only, ground-referenced output, the gain
control LO pin (either C1LO or C2LO) should be biased to a
fixed offset of 625 mV to set the gain to 0 dB when gain control
HI (C1HI or C2HI) is at zero and to set the gain to 40 dB when
at 1.25 V.
It is a simple matter to include a voltage divider to achieve other
scaling factors. When using an 8-bit DAC with an FS output of
2.55 V (10 mV/bit), a 1.6 divider ratio (generating 6.25 mV/bit)
results in a gain setting resolution of 0.2 dB/bit. Later in this
data sheet, cascading the two sections of an AD600 or AD602
when various options exist for gain control is explained (see the
Achieving 80 DB Gain Range section.)
SIGNAL-GATING INPUTS
Each amplifier section of the AD600/AD602 is equipped with a
signal gating function, controlled by a TTL or CMOS logic
input (GAT1 or GAT2). The ground references for these inputs
are the signal input grounds A1LO and A2LO, respectively.
Operation of the channel is unaffected when this input is LO or
left open-circuited. Signal transmission is blocked when this
input is HI. The dc output level of the channel is set to within a
few millivolts of the output ground (A1CM or A2CM) and
simultaneously the noise level drops significantly. The reduction
in noise and spurious signal feedthrough is useful in ultrasound
beam-forming applications, where many amplifier outputs are
summed.
COMMON-MODE REJECTION
A special circuit technique provides rejection of voltages
appearing between input grounds (A1LO and A2LO) and
output grounds (A1CM and A2CM). This is necessary because
of the op amp form of the amplifier, as shown in Figure 21.
The feedback voltage is developed across the RF1 resistor
(which, to achieve low noise, has a value of only 20 Ω). The
voltage developed across this resistor is referenced to the input
common, so the output voltage is also referred to that node.
For zero differential signal input between A1HI and A1LO, the
output A1OP simply follows the voltage at A1CM. Note that the
range of voltage differences that can exist between A1LO and
A1CM (or A2LO and A2CM) is limited to about ±100 mV.
Figure 18 shows the typical common-mode rejection ratio vs.
frequency.


Similar Part No. - AD602AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD602AR AD-AD602AR Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
More results

Similar Description - AD602AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD602 AD-AD602_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD600 AD-AD600 Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
AD600 AD-AD600_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD8366 AD-AD8366_17 Datasheet
1Mb / 28P
   Dual-Digital Variable Gain Amplifiers
logo
National Semiconductor ...
LMH6622 NSC-LMH6622 Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
logo
Analog Devices
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
   Dual Programmable Filters Variable Gain Amplifiers
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com