Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD605 Datasheet(PDF) 7 Page - Analog Devices

Part # AD605
Description  Dual, Low Noise, Single-Supply Variable Gain Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD605 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD605 Datasheet HTML 3Page - Analog Devices AD605 Datasheet HTML 4Page - Analog Devices AD605 Datasheet HTML 5Page - Analog Devices AD605 Datasheet HTML 6Page - Analog Devices AD605 Datasheet HTML 7Page - Analog Devices AD605 Datasheet HTML 8Page - Analog Devices AD605 Datasheet HTML 9Page - Analog Devices AD605 Datasheet HTML 10Page - Analog Devices AD605 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD605
Rev. D | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS (PER CHANNEL)
VREF = 2.5 V (20 dB/V scaling), f = 1 MHz, RL = 500 Ω, CL = 5 pF, TA = 25°C, VSS = 5 V.
40
–20
30
20
10
0
–10
VGN (V)
0.1
0.5
0.9
1.3
1.7
2.1
2.5
2.9
–40°C, +25°C, +85°C
Figure 3. Gain vs. VGN
VGN (V)
50
–20
40
20
10
0
–10
30
FBK (OPEN)
FBK (SHORT)
0.1
0.5
0.9
1.3
1.7
2.1
2.5
2.9
Figure 4. Gain vs. VGN for Different Gain Ranges
30dB/V
(VREF = 1.67V)
20dB/V
(VREF = 2.50V)
ACTUAL
ACTUAL
40
–20
30
20
10
0
–10
VGN (V)
0.1
0.5
0.9
1.3
1.7
2.1
2.5
2.9
Figure 5. Gain vs. VGN for Different Gain Scalings
40.0
37.5
20.0
30.0
27.5
25.0
22.5
35.0
32.5
THEORETICAL
ACTUAL
VREF (V)
1.25
1.50
1.75
2.00
2.25
2.50
Figure 6. Gain Scaling vs. VREF
3.0
2.5
–3.0
0.20.71.21.72.22.7
–1.0
–1.5
–2.0
–2.5
2.0
1.0
1.5
–0.5
0.5
0
VGN (V)
+25°C
+85°C
–40°C
Figure 7. Gain Error vs. VGN at Three Temperatures
VGN (V)
2.0
1.5
–2.0
0.2
0.7
1.2
1.7
2.2
2.7
0
–0.5
–1.0
–1.5
1.0
0.5
f = 5MHz
f = 10MHz
f = 1MHz
Figure 8. Gain Error vs. VGN at Three Frequencies


Similar Part No. - AD605

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD605 AD-AD605 Datasheet
263Kb / 12P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
REV. C
AD605 AD-AD605 Datasheet
419Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
logo
List of Unclassifed Man...
AD605-00 ETC2-AD605-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD605-EB AD-AD605-EB Datasheet
263Kb / 12P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
REV. C
AD605-EB AD-AD605-EB Datasheet
419Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
More results

Similar Description - AD605

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD605 AD-AD605 Datasheet
263Kb / 12P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
REV. C
AD605 AD-AD605_07 Datasheet
419Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
AD605 AD-AD605_15 Datasheet
669Kb / 25P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. F
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com