Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYQ30E Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYQ30E
Description  Rectifier diodes ultrafast, rugged
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYQ30E Datasheet(HTML) 2 Page - NXP Semiconductors

  BYQ30E Datasheet HTML 1Page - NXP Semiconductors BYQ30E Datasheet HTML 2Page - NXP Semiconductors BYQ30E Datasheet HTML 3Page - NXP Semiconductors BYQ30E Datasheet HTML 4Page - NXP Semiconductors BYQ30E Datasheet HTML 5Page - NXP Semiconductors BYQ30E Datasheet HTML 6Page - NXP Semiconductors BYQ30E Datasheet HTML 7Page - NXP Semiconductors BYQ30E Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYQ30E, BYQ30EB, BYQ30ED series
ultrafast, rugged
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge
Human body model;
-
8
kV
capacitor voltage
C = 250 pF; R = 1.5 k
THERMAL RESISTANCES
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
R
th j-mb
Thermal resistance junction
per diode
-
-
3
K/W
to mounting base
both diodes
-
-
2.5
K/W
R
th j-a
Thermal resistance junction
SOT78 package, in free air
-
60
-
K/W
to ambient
SOT404 and SOT428 packages, pcb
-
50
-
K/W
mounted, minimum footprint, FR4 board
ELECTRICAL CHARACTERISTICS
All characteristics are per diode at T
j = 25 ˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
V
F
Forward voltage
I
F = 8 A; Tj = 150˚C
-
0.84
0.95
V
I
F = 16 A; Tj = 150˚C
-
1
1.15
V
I
F = 16 A
-
1.12
1.25
V
I
R
Reverse current
V
R = VRWM
-4
30
µA
V
R = VRWM; Tj = 100˚C
-
0.3
0.6
mA
Q
rr
Reverse recovered charge
I
F = 2 A; VR ≥ 30 V; -dIF/dt = 20 A/µs-
4
11
nC
t
rr1
Reverse recovery time
I
F = 1 A; VR ≥ 30 V; -dIF/dt = 100 A/µs20
25
ns
t
rr2
Reverse recovery time
I
F = 0.5 A to IR = 1 A; Irec = 0.25 A
-
12
22
ns
V
fr
Forward recovery voltage
I
F = 1 A; dIF/dt = 10 A/µs-
1
-
V
October 1998
2
Rev 1.200


Similar Part No. - BYQ30E

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BYQ30E-200 WEEN-BYQ30E-200 Datasheet
376Kb / 11P
   Dual ultrafast power diode
logo
NXP Semiconductors
BYQ30E-200 PHILIPS-BYQ30E-200_15 Datasheet
267Kb / 11P
   Dual ultrafast power diode
Rev. 4-1 September 2010
logo
WeEn Semiconductors
BYQ30E200 WEEN-BYQ30E200 Datasheet
376Kb / 11P
   Dual ultrafast power diode
logo
NXP Semiconductors
BYQ30EB PHILIPS-BYQ30EB Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
October 1997 Rev 1.000
BYQ30EB-100 PHILIPS-BYQ30EB-100 Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
October 1997 Rev 1.000
More results

Similar Description - BYQ30E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV42E PHILIPS-BYV42E Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
BYQ30EX PHILIPS-BYQ30EX Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYQ40EW PHILIPS-BYQ40EW Datasheet
55Kb / 6P
   Rectifier diodes ultrafast, rugged
December 1998 Rev 1.000
BYW29E-100 PHILIPS-BYW29E-100 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
BYW29E-150127 PHILIPS-BYW29E-150127 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
BYQ28_SER_E_ED PHILIPS-BYQ28_SER_E_ED_15 Datasheet
74Kb / 10P
   Rectifier diodes ultrafast, rugged
Rev. 04-5 December 2007
BYV79E PHILIPS-BYV79E_15 Datasheet
96Kb / 8P
   Rectifier diodes ultrafast, rugged
July 1998
BYW29EB PHILIPS-BYW29EB_15 Datasheet
121Kb / 9P
   Rectifier diodes ultrafast, rugged
November 1998
BYW29EX PHILIPS-BYW29EX_15 Datasheet
115Kb / 8P
   Rectifier diodes ultrafast, rugged
October 1998
BYV32F PHILIPS-BYV32F Datasheet
54Kb / 7P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.300
BYV72EF PHILIPS-BYV72EF Datasheet
40Kb / 6P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com