Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1205P2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1205P2
Description  Single Ended PWM Controller Featuring QR Operation and Soft Frequency Foldback
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1205P2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1205P2 Datasheet HTML 2Page - ON Semiconductor NCP1205P2 Datasheet HTML 3Page - ON Semiconductor NCP1205P2 Datasheet HTML 4Page - ON Semiconductor NCP1205P2 Datasheet HTML 5Page - ON Semiconductor NCP1205P2 Datasheet HTML 6Page - ON Semiconductor NCP1205P2 Datasheet HTML 7Page - ON Semiconductor NCP1205P2 Datasheet HTML 8Page - ON Semiconductor NCP1205P2 Datasheet HTML 9Page - ON Semiconductor NCP1205P2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NCP1205
http://onsemi.com
6
MAXIMUM RATINGS
Rating
Pin No.
Symbol
Value
Unit
PDIP−8
PDIP−14 SOIC−16
Min
Max
Power Supply Voltage
8
13
14
Vin
30
V
Thermal Resistance Junction−to−Air
PDIP−8
PDIP−14
SOIC−16
RqJA
100
100
145
°C/W
Operating Junction Temperature Range
Maximum Junction Temperature
TJ
TJmax
−25 to +125
150
°C
°C
Storage Temperature Range
Tstg
−60 to +150
°C
ESD Capability, HBM Model
All Pins
All Pins
All Pins
2.0
kV
ESD Capability, Machine Model
All Pins
All Pins
All Pins
200
V
Demagnetization Pin Current
2
3
4
−5.0/+10
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (For typical values TA = 25°C, for min/max values TJ = −25°C to +125°C, Max TJ = 150°C,
VCC = 12 V unless otherwise noted.)
Characteristics
Pin No.
Symbol
Min
Typ
Max
Unit
PDIP−8 PDIP−14 SOIC−16
Demagnetization Block
Input Threshold Voltage (Vpin2 increasing)
2
3
4
Vth
50
65
85
mV
Hysteresis (Vpin2 decreasing)
2
3
4
VH
30
mV
Input Clamp Voltage
High State (Ipin2 = 3.0 mA)
Low State (Ipin2 = −3.0 mA)
2
3
4
VCH
VCL
8.0
−0.9
10
−0.7
12
−0.5
V
Demag Propagation Delay
100
300
350
ns
No Demag Signal Activation
4.0
8.0
ms
Internal Input Capacitance at 1.0 V
2
3
4
Cpin2
10
pF
Demag Propagation Delay with 22 kW External Resistor
2
3
4
100
370
480
ns
Feedback Path
Input Impedance at VFB = 3.0 V
3
4
5
Zin
50
kW
Internal Error Amplifier Closed Loop Gain
3
4
5
AVCL
−3.0
Internal Built−In Offset Voltage for Error Detection
Vref
2.2
2.5
2.8
V
Error Amplifier Level of VCO Take Over
1.0
V
Internal Divider from Internal Error Amp, Pin to Current
Setpoint
3.0
Fault Detection Circuitry
Internal Over Current Level
WLL
1.5
V
Fault Time Duration to Latch Activation @ Ct = 1.0 ηF
128
ms
Over Current Latchoff Phase @ Ct = 1.0 ηF
1.0
s
Hysteresis when VFB goes back into Regulation
100
mV
Overvoltage Protection Threshold for PDIP−14 and
SOIC−16 versions
6
7
OVP1
2.5
2.8
3.1
V
Current Sense Comparator
Input Bias Current @ 1.0 V
6
11
12
IIB
0.02
mA
Maximum Current Setpoint
6
11
12
Vcl
0.9
1.0
1.1
V
Minimum Current Setpoint
6
11
12
Vmin
225
250
285
mV


Similar Part No. - NCP1205P2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1205P2 ONSEMI-NCP1205P2 Datasheet
163Kb / 20P
   Single Ended PWM Controller Featuring QR Operation and Soft Frequency Foldback
April, 2002 ??Rev. 2
More results

Similar Description - NCP1205P2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1205 ONSEMI-NCP1205 Datasheet
163Kb / 20P
   Single Ended PWM Controller Featuring QR Operation and Soft Frequency Foldback
April, 2002 ??Rev. 2
logo
Texas Instruments
UCC1884 TI-UCC1884 Datasheet
267Kb / 8P
[Old version datasheet]   Frequency Foldback Current Mode PWM Controller
UCC2884 TI1-UCC2884 Datasheet
324Kb / 12P
[Old version datasheet]   Frequency Foldback Current Mode PWM Controller
logo
Monolithic Power System...
MP3910 MPS-MP3910 Datasheet
679Kb / 23P
   Peak Current Mode Boost PWM Controller with Programmable Frequency, External Soft Start, and Light Load Operation
logo
ON Semiconductor
MC34023 ONSEMI-MC34023 Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
logo
Lowpower Semiconductor ...
LP3382 POWER-LP3382 Datasheet
551Kb / 9P
   1.2MHzFixed-Frequency PWM Operation
LP3383 POWER-LP3383 Datasheet
544Kb / 9P
   1.2MHzFixed-Frequency PWM Operation
LP3308 POWER-LP3308 Datasheet
439Kb / 9P
   1.4MHzFixed-Frequency PWM Operation
LP3385 POWER-LP3385 Datasheet
534Kb / 9P
   1.2MHzFixed-Frequency PWM Operation
LP3321 POWER-LP3321 Datasheet
505Kb / 9P
   1.3MHzFixed-Frequency PWM Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com