Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1117 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NCP1117
Description  1.0 A Low−Dropout Positive Fixed and Adjustable Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1117 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1117_07 Datasheet HTML 1Page - ON Semiconductor NCP1117_07 Datasheet HTML 2Page - ON Semiconductor NCP1117_07 Datasheet HTML 3Page - ON Semiconductor NCP1117_07 Datasheet HTML 4Page - ON Semiconductor NCP1117_07 Datasheet HTML 5Page - ON Semiconductor NCP1117_07 Datasheet HTML 6Page - ON Semiconductor NCP1117_07 Datasheet HTML 7Page - ON Semiconductor NCP1117_07 Datasheet HTML 8Page - ON Semiconductor NCP1117_07 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NCP1117, NCV1117
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
Vin
20
V
Output Short Circuit Duration (Notes 2 and 3)
Infinite
Power Dissipation and Thermal Characteristics
Case 318H (SOT−223)
Power Dissipation (Note 2)
Thermal Resistance, Junction−to−Ambient, Minimum Size Pad
Thermal Resistance, Junction−to−Case
Case 369A (DPAK)
Power Dissipation (Note 2)
Thermal Resistance, Junction−to−Ambient, Minimum Size Pad
Thermal Resistance, Junction−to−Case
PD
RqJA
RqJC
PD
RqJA
RqJC
Internally Limited
160
15
Internally Limited
67
6.0
W
°C/W
°C/W
W
°C/W
°C/W
Maximum Die Junction Temperature Range
TJ
−55 to 150
°C
Storage Temperature Range
Tstg
−65 to 150
°C
Operating Ambient Temperature Range
NCP1117
NCV1117
TA
0 to +125
−40 to +125
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL−STD−883, Method 3015.
Machine Model Method 200 V.
2. Internal thermal shutdown protection limits the die temperature to approximately 175
°C. Proper heatsinking is required to prevent activation.
The maximum package power dissipation is:
PD +
TJ(max) * TA
R
qJA
3. The regulator output current must not exceed 1.0 A with Vin greater than 12 V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn