Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1117 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NCP1117
Description  1.0 A Low−Dropout Positive Fixed and Adjustable Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1117 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1117_07 Datasheet HTML 1Page - ON Semiconductor NCP1117_07 Datasheet HTML 2Page - ON Semiconductor NCP1117_07 Datasheet HTML 3Page - ON Semiconductor NCP1117_07 Datasheet HTML 4Page - ON Semiconductor NCP1117_07 Datasheet HTML 5Page - ON Semiconductor NCP1117_07 Datasheet HTML 6Page - ON Semiconductor NCP1117_07 Datasheet HTML 7Page - ON Semiconductor NCP1117_07 Datasheet HTML 8Page - ON Semiconductor NCP1117_07 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2007
January, 2007 − Rev. 17
1
Publication Order Number:
NCP1117/D
NCP1117, NCV1117
1.0 A Low−Dropout Positive
Fixed and Adjustable
Voltage Regulators
The NCP1117 series are low dropout positive voltage regulators that
are capable of providing an output current that is in excess of 1.0 A
with a maximum dropout voltage of 1.2 V at 800 mA over
temperature. This series contains nine fixed output voltages of 1.5 V,
1.8 V, 1.9 V, 2.0 V, 2.5 V, 2.85 V, 3.3 V, 5.0 V, and 12 V that have no
minimum load requirement to maintain regulation. Also included is an
adjustable output version that can be programmed from 1.25 V to
18.8 V with two external resistors. On chip trimming adjusts the
reference/output voltage to within
±1.0% accuracy. Internal protection
features consist of output current limiting, safe operating area
compensation, and thermal shutdown. The NCP1117 series can
operate with up to 20 V input. Devices are available in SOT−223 and
DPAK packages.
Features
Output Current in Excess of 1.0 A
1.2 V Maximum Dropout Voltage at 800 mA Over Temperature
Fixed Output Voltages of 1.5 V, 1.8 V, 1.9 V, 2.0 V, 2.5 V, 2.85 V,
3.3 V, 5.0 V, and 12 V
Adjustable Output Voltage Option
No Minimum Load Requirement for Fixed Voltage Output Devices
Reference/Output Voltage Trimmed to ±1.0%
Current Limit, Safe Operating and Thermal Shutdown Protection
Operation to 20 V Input
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Pb−Free Packages are Available
Applications
Consumer and Industrial Equipment Point of Regulation
Active SCSI Termination for 2.85 V Version
Switching Power Supply Post Regulation
Hard Drive Controllers
Battery Chargers
10
mF
1
2
Output
10
mF
3
Input
NCP1117
XTXX
++
Figure 1. Fixed
Output Regulator
10
mF
1
2 Output
10
mF
3
Input
NCP1117
XTA
++
Figure 2. Adjustable
Output Regulator
22
mF
1
2
10
mF
3
NCP1117
XT285
++
110
W
110
W
110
W
110
W
4.75 V
to
5.25 V
+
18 to 27
Lines
Figure 3. Active SCSI Bus Terminator
TYPICAL APPLICATIONS
SOT−223
ST SUFFIX
CASE 318H
1
3
DPAK
DT SUFFIX
CASE 369C
Pin: 1. Adjust/Ground
2. Output
3. Input
1
3
Heatsink tab is connected to Pin 2.
See detailed ordering and shipping information in the package
dimensions section on pages 11 and 12 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 14 of this data sheet.
DEVICE MARKING INFORMATION
1 23
1
2
3
Tab
Tab
(Top View)
(Top View)
http://onsemi.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn