Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1031DR2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1031DR2
Description  Low Power PWM Controller with On?묬hip Power Switch and Startup Circuits for 48V Telecom Systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1031DR2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1031DR2 Datasheet HTML 5Page - ON Semiconductor NCP1031DR2 Datasheet HTML 6Page - ON Semiconductor NCP1031DR2 Datasheet HTML 7Page - ON Semiconductor NCP1031DR2 Datasheet HTML 8Page - ON Semiconductor NCP1031DR2 Datasheet HTML 9Page - ON Semiconductor NCP1031DR2 Datasheet HTML 10Page - ON Semiconductor NCP1031DR2 Datasheet HTML 11Page - ON Semiconductor NCP1031DR2 Datasheet HTML 12Page - ON Semiconductor NCP1031DR2 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NCP1030, NCP1031
http://onsemi.com
9
TYPICAL CHARACTERISTICS
Figure 16. Line Under/Overvoltage Thresholds
vs. Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
−50
−25
0
50
150
75
100
125
25
2.600
2.575
2.550
2.525
2.350
2.375
2.400
2.425
2.500
2.475
2.450
200
190
180
170
120
130
160
150
140
−25
TJ, JUNCTION TEMPERATURE (°C)
−50
0
25
50
75
100
125
150
210
220
Figure 17. Line Under/Overvoltage Hysteresis
vs. Junction Temperature
Figure 18. Oscillator Frequency vs. Timing
Capacitor
Figure 19. Oscillator Frequency vs. Junction
Temperature
1000
900
800
700
0
100
200
300
600
500
400
CT, TIMING CAPACITOR (pF)
Figure 20. Maximum Duty Cycle vs. Junction
Temperature
0
200
400
600
800
1000
VCC = 12 V
TJ = 25°C
TJ, JUNCTION TEMPERATURE (°C)
Figure 21. Power Switch Circuit On Resistance
vs. Junction Temperature
VCC = 12 V
1100
1000
900
800
100
200
400
700
600
500
−50
−25
0
25
150
50
75
100
125
300
CT = 47 pF
CT = 220 pF
CT = 1000 pF
77.0
76.5
76.0
75.5
72.0
72.5
73.0
73.5
75.0
74.5
74.0
−50
−25
0
25
50
75
TJ, JUNCTION TEMPERATURE (°C)
100
125
150
fOSC = 1000 kHz
fOSC = 200 kHz
VCC = 12 V
8
7
6
0
1
2
3
5
4
−50
−25
0
25
50
75
TJ, JUNCTION TEMPERATURE (°C)
100
125
150
VCC = 12 V
ID = 100 mA
NCP1030
NCP1031


Similar Part No. - NCP1031DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1031DR2 ONSEMI-NCP1031DR2 Datasheet
142Kb / 18P
   Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1031DR2 ONSEMI-NCP1031DR2 Datasheet
444Kb / 19P
   Low Power PWM Controller with On--Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1031DR2 ONSEMI-NCP1031DR2 Datasheet
192Kb / 21P
   Low Power PWM Controller
September, 2014 ??Rev. 11
NCP1031DR2G ONSEMI-NCP1031DR2G Datasheet
444Kb / 19P
   Low Power PWM Controller with On--Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1031DR2G ONSEMI-NCP1031DR2G Datasheet
192Kb / 21P
   Low Power PWM Controller
September, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com