Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1030 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NCP1030
Description  Low Power PWM Controller with On−Chip Power Switch and Startup Circuits for 48V Telecom Systems
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP1030 Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NCP1030, NCP1031
http://onsemi.com
4
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Switch and Startup Circuits Voltage
VDRAIN
−0.3 to 200
V
Power Switch and Startup Circuits Input Current
− NCP1030
− NCP1031
IDRAIN
1.0
2.0
A
VCC Voltage Range
VCC
−0.3 to 16
V
All Other Inputs/Outputs Voltage Range
VIO
−0.3 to 10
V
VCC and All Other Inputs/Outputs Current
IIO
100
mA
Operating Junction Temperature
TJ
−40 to 125
°C
Storage Temperature
Tstg
−55 to 150
°C
Power Dissipation (TJ = 25°C, 2.0 Oz., 1.0 Sq Inch Printed Circuit Copper Clad)
DM Suffix, Plastic Package Case 846A
D Suffix, Plastic Package Case 751
0.69
0.93
W
Thermal Resistance, Junction to Air (2.0 Oz. Printed Circuit Copper Clad)
DM Suffix, Plastic Package Case 846A
0.36 Sq. Inch
1.0 Sq. Inch
D Suffix, Plastic Package Case 751
0.36 Sq. Inch
1.0 Sq. Inch
RqJA
181
162
135
117
°C/W
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
A. This device contains ESD protection circuitry and exceeds the following tests:
Pins 1−7: Human Body Model 2000V per MIL−STD−883, Method 3015.
Pins 1−7: Machine Model Method 200 V.
Pin 8 is connected to the High Voltage Startup and Power Switch Circuits and rated only to the maximum voltage rating of the part, or 200 V.
B. This device contains Latchup protection and exceeds
$100 mA per JEDEC Standard JESD78.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
CX74063-3XRF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM GPRS and EDGE Applications 1 2 3 4 5 MoreSkyworks Solutions Inc.
IR36212-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP 1 2 3 4 5 MoreInternational Rectifier
ISL6327Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing 1 2 3 4 5 MoreIntersil Corporation
CS5301_06Three−Phase Buck Controller with Integrated Gate Drivers and Power Good 1 2 3 4 5 MoreON Semiconductor
MAX5953AIEEE 802.3af PD Interface and PWM Controllers with Integrated Power MOSFETs 1 2 3 4 5 MoreMaxim Integrated Products
ADS850716-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE 1 2 3 4 5 MoreTexas Instruments
NCP348Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG 1 2 3 4 5 MoreON Semiconductor
CAT1161_07Supervisory Circuits with I2C Serial CMOS EEPROM Precision Reset Controller and Watchdog Timer 1 2 3 4 5 MoreCatalyst Semiconductor
ADP1822PWM Step-Down DC-to-DC Controller with Margining and Tracking 1 2 3 4 5 MoreAnalog Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn