Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1030 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NCP1030
Description  Low Power PWM Controller with On−Chip Power Switch and Startup Circuits for 48V Telecom Systems
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP1030 Datasheet(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCP1030, NCP1031
http://onsemi.com
6
DC ELECTRICAL CHARACTERISTICS (VDRAIN = 48 V, VCC = 12 V, CT = 560 pF, VUV = 3 V, VOV = 2 V, VFB = 2.3 V,
VCOMP = 2.5 V, TJ = −40°C to 125°C, typical values shown are for TJ = 25°C unless otherwise noted.) (Note 2)
Characteristics
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Frequency (CT = 560 pF, Note 3)
TJ = 25°C
TJ = −40°C to 125°C
fOSC1
275
260
300
325
325
kHz
Frequency (CT = 100 pF)
fOSC2
800
kHz
Charge Current (VCT = 3.25 V)
ICT(C)
215
mA
Discharge Current (VCT = 3.25 V)
ICT(D)
645
mA
Oscillator Ramp
Peak
Valley
Vrpk
Vrvly
3.5
3.0
V
PWM COMPARATOR
Maximum Duty Cycle
DCMAX
70
75
80
%
POWER SWITCH CIRCUIT
Power Switch Circuit On−State Resistance (ID = 100 mA)
NCP1030
TJ = 25°C
TJ = 125°C
NCP1031
TJ = 25°C
TJ = 125°C
RDS(on)
4.1
6.0
2.1
3.5
7.0
12
3.0
6.0
W
Power Switch Circuit and Startup Circuit Breakdown Voltage
(ID = 100 mA, TJ = 25°C)
V(BR)DS
200
V
Power Switch Circuit and Startup Circuit Off−State Leakage Current
(VDRAIN = 200 V, VUV = 2.0 V)
TJ = 25°C
TJ = −40 to 125°C
IDS(off)
13
25
50
mA
Switching Characteristics (VDS = 48 V, RL = 100 W)
Rise Time
Fall Time
tr
tf
22
24
ns
CURRENT LIMIT AND OVER TEMPERATURE PROTECTION
Current Limit Threshold (TJ = 25°C)
NCP1030 (di/dt = 0.5 A/
ms)
NCP1031 (di/dt = 1.0 A/
ms)
ILIM
350
700
515
1050
680
1360
mA
Propagation Delay, Current Limit Threshold to Power Switch Circuit Output
(Leading Edge Blanking plus Current Limit Delay)
tPLH
100
ns
Thermal Protection (Note 4)
Shutdown Threshold (TJ Increasing)
Hysteresis
TSHDN
THYS
125
150
45
°C
TOTAL DEVICE
Supply Current After UV Turn−On
Power Switch Enabled
Power Switch Disabled
Non−Fault condition (VFB = 2.7 V)
Fault Condition (VFB = 2.7 V, VUV = 2.0 V)
ICC1
ICC2
ICC3
2.0
3.0
1.5
0.65
4.0
2.0
1.2
mA
2. Production testing for NCP1030DMR2 is performed at 25
°C only; limits at −40°C and 125°C are guaranteed by design.
3. Oscillator frequency can be externally synchronized to the maximum frequency of the device.
4. Guaranteed by design only.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
CX74063-3XRF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM GPRS and EDGE Applications 1 2 3 4 5 MoreSkyworks Solutions Inc.
IR36212-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP 1 2 3 4 5 MoreInternational Rectifier
ISL6327Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing 1 2 3 4 5 MoreIntersil Corporation
CS5301_06Three−Phase Buck Controller with Integrated Gate Drivers and Power Good 1 2 3 4 5 MoreON Semiconductor
MAX5953AIEEE 802.3af PD Interface and PWM Controllers with Integrated Power MOSFETs 1 2 3 4 5 MoreMaxim Integrated Products
ADS850716-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE 1 2 3 4 5 MoreTexas Instruments
NCP348Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG 1 2 3 4 5 MoreON Semiconductor
CAT1161_07Supervisory Circuits with I2C Serial CMOS EEPROM Precision Reset Controller and Watchdog Timer 1 2 3 4 5 MoreCatalyst Semiconductor
ADP1822PWM Step-Down DC-to-DC Controller with Margining and Tracking 1 2 3 4 5 MoreAnalog Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn