Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8571 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8571
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8571 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8571_06 Datasheet HTML 10Page - Analog Devices AD8571_06 Datasheet HTML 11Page - Analog Devices AD8571_06 Datasheet HTML 12Page - Analog Devices AD8571_06 Datasheet HTML 13Page - Analog Devices AD8571_06 Datasheet HTML 14Page - Analog Devices AD8571_06 Datasheet HTML 15Page - Analog Devices AD8571_06 Datasheet HTML 16Page - Analog Devices AD8571_06 Datasheet HTML 17Page - Analog Devices AD8571_06 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8571/AD8572/AD8574
Rev. B | Page 14 of 24
FUNCTIONAL DESCRIPTION
The AD8571/AD8572/AD8574 are CMOS amplifiers that
achieve their high degree of precision through random
frequency auto-zero stabilization. The autocorrection topology
allows the AD857x to maintain its low offset voltage over a wide
temperature range, and the randomized auto-zero clock
eliminates any intermodulation distortion (IMD) errors at the
amplifier output.
The AD857x can be run from a single-supply voltage as low as
2.7 V. The extremely low offset voltage of 1 μV and no IMD
products allows the amplifier to be easily configured for high
gains without risk of excessive output voltage errors. This makes
the AD857x an ideal amplifier for applications requiring both
dc precision and low distortion for ac signals. The extremely
small temperature drift of 5 nV/°C ensures a minimum of offset
voltage error over its entire temperature range of −40°C to
+125°C. These combined features make the AD857x an
excellent choice for a variety of sensitive measurement and
automotive applications.
AMPLIFIER ARCHITECTURE
Each AD857x op amp consists of two amplifiers: a main amplifier
and a secondary amplifier that is used to correct the offset
voltage of the main amplifier. Both consist of a rail-to-rail input
stage, allowing the input common-mode voltage range to reach
both supply rails. The input stage consists of an NMOS
differential pair operating concurrently with a parallel PMOS
differential pair. The outputs from the differential input stages
are combined in another gain stage whose output is used to
drive a rail-to-rail output stage.
The wide voltage swing of the amplifier is achieved by using two
output transistors in a common-source configuration. The
output voltage range is limited by the drain-to-source resistance
of these transistors. As the amplifier is required to source or sink
more output current, the voltage drop across these transistors
increases due to their on resistance (rds). Simply put, the output
voltage does not swing as close to the rail under heavy output
current conditions as it does with light output current. This is a
characteristic of all rail-to-rail output amplifiers. Figure 12 and
Figure 13 show how close the output voltage can get to the rails
with a given output current. The output of the AD857x is short-
circuit protected to approximately 50 mA of current.
The AD857x amplifiers have exceptional gain, yielding greater
than 120 dB of open-loop gain with a load of 2 kΩ. Because the
output transistors are configured in a common-source configura-
tion, the gain of the output stage, and thus the open-loop gain of
the amplifier, is dependent on the load resistance. Open-loop
gain decreases with smaller load resistances. This is another
characteristic of rail-to-rail output amplifiers.
BASIC AUTO-ZERO AMPLIFIER THEORY
Autocorrection amplifiers are not a new technology. Various IC
implementations have been available for more than 15 years and
some improvements have been made over time. The AD857x
design offers a number of significant performance improve-
ments over older versions while attaining a very substantial
reduction in device cost. This section offers a simplified
explanation of how the AD857x is able to offer extremely low
offset voltages and high open-loop gains.
As noted in the Amplifier Architecture section, each AD857x
op amp contains two internal amplifiers. One is used as the
primary amplifier, the other as an autocorrection, or nulling,
amplifier. Each amplifier has an associated input offset voltage
that can be modeled as a dc voltage source in series with the
noninverting input. In Figure 50 and Figure 51, these are
labeled as VOSX, where X denotes the amplifier associated
with the offset: A for the nulling amplifier, B for the primary
amplifier. The open-loop gain for the +IN and −IN inputs of
each amplifier is given as AX. Both amplifiers also have a third
voltage input with an associated open-loop gain of BX.
There are two modes of operation determined by the action of
two sets of switches in the amplifier: an auto-zero phase and an
amplification phase.
AUTO-ZERO PHASE
In this phase, all φA switches are closed and all φB switches are
opened. Here, the nulling amplifier is taken out of the gain loop
by shorting its two inputs together. Of course, there is a degree
of offset voltage, shown as VOSA, inherent in the nulling amplifier
that maintains a potential difference between the +IN and −IN
inputs. The nulling amplifier feedback loop is closed through
φA2 and VOSA appears at the output of the nulling amp and on
CM1, an internal capacitor in the AD857x. Mathematically, we
can express this in the time domain as
]
[
]
[
]
[
t
V
B
t
V
A
t
V
OA
A
OSA
A
OA
=
(1)
this also can be expressed as
[]
[ ]
A
OSA
A
OA
B
t
V
A
t
V
+
=
1
(2)
This shows that the offset voltage of the nulling amplifier times
a gain factor appears at the output of the nulling amplifier and
thus on the CM1 capacitor.


Similar Part No. - AD8571_06

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
More results

Similar Description - AD8571_06

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
logo
Analog Devices
AD8551 AD-AD8551_07 Datasheet
571Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8571ARMZ AD-AD8571ARMZ Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8551 AD-AD8551_12 Datasheet
440Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8551 AD-AD8551 Datasheet
262Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
AD8571 AD-AD8571 Datasheet
247Kb / 19P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com