Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8370ARE-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8370ARE-REEL7
Description  LF to 750 MHz, Digitally Controlled VGA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8370ARE-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8370ARE-REEL7 Datasheet HTML 6Page - Analog Devices AD8370ARE-REEL7 Datasheet HTML 7Page - Analog Devices AD8370ARE-REEL7 Datasheet HTML 8Page - Analog Devices AD8370ARE-REEL7 Datasheet HTML 9Page - Analog Devices AD8370ARE-REEL7 Datasheet HTML 10Page - Analog Devices AD8370ARE-REEL7 Datasheet HTML 11Page - Analog Devices AD8370ARE-REEL7 Datasheet HTML 12Page - Analog Devices AD8370ARE-REEL7 Datasheet HTML 13Page - Analog Devices AD8370ARE-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD8370
Rev. A | Page 10 of 28
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
200
150
50
100
0
250
300
350
400
FREQUENCY (MHz)
HD2 RL = 100Ω
HD3 RL = 100Ω
HD3 RL = 1kΩ
HD2 RL = 1kΩ
Figure 22. Harmonic Distortion vs. Frequency at Maximum Gain,
VOUT = 2 V p-p Composite Differential
0
20
40
60
80
100
120
–40
–20
0
20
40
60
80
0
100
200
300
400
500
600
700
FREQUENCY (MHz)
16 DIFFERENT GAIN
CODES REPRESENTED
R+jX FORMAT
Figure 23. Output Resistance and Reactance vs. Frequency
700
720
740
760
780
800
820
840
860
0
1020
3040
60
100
50
70
80
90
110 120 130
GAIN CODE
HIGH GAIN MODE
LOW GAIN MODE
Figure 24. Group Delay vs. Gain Code at 70 MHz
20
30
40
50
60
70
80
90
100
110
120
FREQUENCY (MHz)
1
100
10
1000
Figure 25. Power Supply Rejection Ratio vs. Frequency at Maximum Gain
–120
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
10
100
1000
FORWARD TRANSMISSION, HG0
REVERSE TRANSMISSION, HG127
FORWARD TRANSMISSION, LG0
FORWARD TRANSMISSION, PWUP LOW
Figure 26. Various Forms of Isolation vs. Frequency
600
700
800
900
1000
1100
1200
1300
1400
0
100
200
300
400
500
600
700
800
900
FREQUENCY (MHz)
RL = 1kΩ
RL = 100Ω
Figure 27. Group Delay vs. Frequency at Maximum Gain


Similar Part No. - AD8370ARE-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8370ARE-REEL7 AD-AD8370ARE-REEL7 Datasheet
1Mb / 28P
   LF to 750 MHz Digitally Controlled VGA
REV. 0
AD8370ARE-REEL7 AD-AD8370ARE-REEL7 Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
More results

Similar Description - AD8370ARE-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8370 AD-AD8370_15 Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370-EVALZ AD-AD8370-EVALZ Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370ARE AD-AD8370ARE Datasheet
1Mb / 28P
   LF to 750 MHz Digitally Controlled VGA
REV. 0
AD8369 AD-AD8369 Datasheet
968Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369 AD-AD8369_15 Datasheet
809Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369ARUZ AD-AD8369ARUZ Datasheet
809Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
ADL5243 AD-ADL5243 Datasheet
1Mb / 32P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. A
ADL5240 AD-ADL5240_13 Datasheet
1Mb / 28P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
ADL5240 AD-ADL5240 Datasheet
1Mb / 24P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. 0
AD8369 AD-AD8369_17 Datasheet
856Kb / 24P
   45 dB Digitally Controlled VGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com