Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1028 Datasheet(PDF) 22 Page - ON Semiconductor

Part # NCP1028
Description  High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1028 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button NCP1028 Datasheet HTML 18Page - ON Semiconductor NCP1028 Datasheet HTML 19Page - ON Semiconductor NCP1028 Datasheet HTML 20Page - ON Semiconductor NCP1028 Datasheet HTML 21Page - ON Semiconductor NCP1028 Datasheet HTML 22Page - ON Semiconductor NCP1028 Datasheet HTML 23Page - ON Semiconductor NCP1028 Datasheet HTML 24Page - ON Semiconductor NCP1028 Datasheet HTML 25Page - ON Semiconductor NCP1028 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
NCP1028
http://onsemi.com
22
The principle consists in selecting the RR resistor,
connected from pin 2 to ground, to impose a current
IRR in
the transistor collector.
Figure 38. Maximum Peak Current Setpoint
Variations versus Ramp Compensation
The equation to get the right compensation level is the
following:
RR +
Vp2.75 k
Sa@TSW
(eq. 9)
where Vp, the total voltage swing, equals 2.75 V.
Application example:
Suppose we have the following flyback specifications:
Vout = 5.0 V
output voltage
Vf = 1.0 V
secondary diode forward drop
@ Iout nominal
Np:Ns = 1:N = 1:0.052 transformer turn ratio
Lp = 3.8 mH
primary inductance
We can calculate the off slope, the one actually needed
to evaluate
Sa, by reflecting the output voltage over the
primary inductance. The slope is projected over a complete
switching period. Here, we use a 65 kHz part.
Soff +
Vout ) Vf
NLp
TSW +
6
15u
0.052
3.8m +
455 mA 15 ms
(eq. 10)
Due to the internal sense arrangement, this current slope
will become a voltage slope having a value of:
S off + 455m
0.375 + 170 mV 15 ms (eq. 11)
If we chose 50% of this downslope, then the final
compensation ramp will present a slope of:
Sa + 170m
2
+ 85 mV 15 ms
(eq. 12)
We then have:
RR +
Vp2.75 k
Sa@TSW
+ 2.75
2.75k
85m
+ 89 kW (eq. 13)
In the above calculations, the internal ESD resistor has
purposely been omitted to avoid bringing in another
variable. In case no ramp compensation is required, pin 2
must be tied to VCC, the adjacent pin.
Soft−Start
The NCP1028 features a 1.0 ms soft−start, which
reduces the power−on stress, but also contributes to lower
the output overshoot. Figure 39 shows a typical operating
waveform. The NCP1028 features a novel patented
structure which offers a better soft−start ramp, almost
ignoring the startup pedestal inherent to traditional
current−mode supplies.
Figure 39. 1.0 ms Soft−Start Sequence


Similar Part No. - NCP1028

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1028 ONSEMI-NCP1028 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1028P065G ONSEMI-NCP1028P065G Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1028P100G ONSEMI-NCP1028P100G Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
More results

Similar Description - NCP1028

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
NCP1010 ONSEMI-NCP1010 Datasheet
591Kb / 24P
   Self--Supplied Monolithic Switcher for Low Standby--Power Offline SMPS
December, 2010 -- Rev. 22
NCP1014 ONSEMI-NCP1014 Datasheet
324Kb / 24P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
September, 2004 ??Rev. 10
NCP1010 ONSEMI-NCP1010_14 Datasheet
351Kb / 23P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
September, 2014 ??Rev. 23
NCP1015AP065G ONSEMI-NCP1015AP065G Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1015 ONSEMI-NCP1015 Datasheet
336Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
October, 2007 - Rev. 1
NCP1010 ONSEMI-NCP1010_V01 Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
NCP1015 ONSEMI-NCP1015_11 Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com