Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP623MN-25R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP623MN-25R2G
Description  Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP623MN-25R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP623MN-25R2G Datasheet HTML 1Page - ON Semiconductor NCP623MN-25R2G Datasheet HTML 2Page - ON Semiconductor NCP623MN-25R2G Datasheet HTML 3Page - ON Semiconductor NCP623MN-25R2G Datasheet HTML 4Page - ON Semiconductor NCP623MN-25R2G Datasheet HTML 5Page - ON Semiconductor NCP623MN-25R2G Datasheet HTML 6Page - ON Semiconductor NCP623MN-25R2G Datasheet HTML 7Page - ON Semiconductor NCP623MN-25R2G Datasheet HTML 8Page - ON Semiconductor NCP623MN-25R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCP623
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (For typical values TA = 25°C, for min/max values TA = −40°C to +85°C, Max TJ = 150°C)
Characteristics
Unit
Max
Typ
Min
Symbol
DYNAMIC PARAMETERS
Ripple Rejection (All versions)
Vin = Vout + 1.0 V, Vpp = 1.0 V, f = 1.0 kHz, Iout = 60 mA
60
70
dB
Line Transient Response
Vin = Vout + 1.0 V to Vout + 4.0 V, Iout = 60 mA, d(Vin)/dt = 15 mV/ms
1.0
mV
Output Noise Voltage (All versions)
Cout = 1.0 mF, Iout = 60 mA, f = 100 Hz to 100 kHz
Cbypass = 10 nF
Cbypass = 1.0 nF
Cbypass = 0 nF
VRMS
25
40
65
mVrms
Output Noise Density
Cout = 1.0 mF, Iout = 60 mA, f = 1.0 kHz
VN
230
nV/
√Hz
Output Rise Time (All versions)
Cout = 1.0 mF, Iout = 30 mA, VON/OFF = 0 to 2.4 V
1% of ON/OFF Signal to 99% of Nominal Output Voltage
Without Bypass Capacitor
With Cbypass = 10 nF
tr
40
1.1
ms
ms
THERMAL SHUTDOWN
Thermal Shutdown (All versions)
150
°C
1. Iout (Output Current) is the measured current when the output voltage drops below 0.3 V with respect to Vout at Iout = 30 mA.


Similar Part No. - NCP623MN-25R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP623MN-25R2G ONSEMI-NCP623MN-25R2G Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
More results

Similar Description - NCP623MN-25R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
MC33761 ONSEMI-MC33761 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
NCP4561 ONSEMI-NCP4561 Datasheet
129Kb / 16P
   ULTRA LOW-NOISE LOW DROPOUT VOLTAGE REGULATOR WITH 1.0 ON/OFF CONTROL
May, 2002 ??Rev. 2
logo
NXP Semiconductors
SA57031-XX PHILIPS-SA57031-XX Datasheet
161Kb / 13P
   Micropower 150 mA, low-noise, low dropout linear regulator with on/off
2003 Jun 23
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
MC33762 ONSEMI-MC33762 Datasheet
218Kb / 16P
   Dual Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2003 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com