Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1001PG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1001PG
Description  Integrated Off?묹ine Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1001PG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1001PG Datasheet HTML 1Page - ON Semiconductor NCP1001PG Datasheet HTML 2Page - ON Semiconductor NCP1001PG Datasheet HTML 3Page - ON Semiconductor NCP1001PG Datasheet HTML 4Page - ON Semiconductor NCP1001PG Datasheet HTML 5Page - ON Semiconductor NCP1001PG Datasheet HTML 6Page - ON Semiconductor NCP1001PG Datasheet HTML 7Page - ON Semiconductor NCP1001PG Datasheet HTML 8Page - ON Semiconductor NCP1001PG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 8
1
Publication Order Number:
NCP1000/D
NCP1000, NCP1001,
NCP1002
Integrated Off−Line
Switching Regulator
The NCP1000 through NCP1002 series of integrated switching
regulators, combine a fixed frequency PWM controller with an integrated
high voltage power switch circuit. This chip allows for simple design and
minimal parts count for very low cost applications which utilize an ac
input. This chip is designed to power a single ended topology, typically a
discontinuous mode flyback, with secondary side sensing.
The internal high voltage switch circuit and startup circuit can
function in continuous operation over a wide range of inputs, from
85 Vac to 265 Vac, and thus can be used in any existing power system in
the world. Though inexpensive, these devices include a number of
features such as undervoltage lockout, over−temperature protection,
bandgap reference and leading edge blanking that make them an
excellent value.
Features
Highly Integrated Solution
Operates Over Universal Input Voltage Range (85 Vac to 265 Vac)
On−board 700 V Power Switch Circuit
Minimal External Parts Required
Input Undervoltage Lockout with Hysteresis
Very Low Standby Current
No Minimum Load Requirement
Opto Fail−Safe Shutdown Circuit
Pb−Free Packages are Available*
Typical Applications
Cell Phone Chargers
Wall Adapters
On−board AC−DC Converters
POWER
SWITCH
CIRCUIT
INTERNAL BIAS
UVLO &
OPTO FAIL−SAFE
STARTUP
CIRCUIT
VCC
STARTUP
+
PWM
COMPARATOR
PWM CONTROL
& POWER
SWITCH CIRCUIT
OSCILLATOR
FEEDBACK
INPUT
GND
Figure 1. Simplified Block Diagram
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION*
NCP1000P
PDIP−8
50 Units/Rail
NCP1002P
PDIP−8
PDIP−8
P SUFFIX
CASE 626
1
8
NCP1001P
PDIP−8
x
= Device Number 0, 1, or 2
A
= Assembly Location
WL = Wafer Lot
YY
= Year
WW = Work Week
G
= Pb−Free Package
1
8
Pin: 1.
VCC
2.
Feedback Input
3, 6−8 Ground
4.
Startup
5.
Power Switch Circuit
Ipk
Typ
(A)
Ron
Max
(
W)
0.5
18
1.0
9
1.5
6
NCP100xP
AWL
YYWWG
50 Units/Rail
50 Units/Rail
*Consult factory for additional optocoupler fail−safe
latching, frequency, and current limit options.
http://onsemi.com
NCP1000PG
PDIP−8
(Pb−Free)
50 Units/Rail
NCP1002PG
PDIP−8
(Pb−Free)
NCP1001PG
PDIP−8
(Pb−Free)
0.5
18
1.0
9
1.5
6
50 Units/Rail
50 Units/Rail
MARKING DIAGRAM


Similar Part No. - NCP1001PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1001P ONSEMI-NCP1001P Datasheet
115Kb / 16P
   Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
More results

Similar Description - NCP1001PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1000 ONSEMI-NCP1000 Datasheet
115Kb / 16P
   Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
logo
Texas Instruments
PT7708-3.3V TI1-PT7708-3.3V Datasheet
760Kb / 4P
[Old version datasheet]   Integrated Switching Regulator
PT7707 TI1-PT7707_08 Datasheet
226Kb / 5P
[Old version datasheet]   INTEGRATED SWITCHING REGULATOR
logo
NTE Electronics
NTE7125 NTE-NTE7125 Datasheet
24Kb / 3P
   Integrated Circuit Switching Regulator
logo
ON Semiconductor
MC33363A ONSEMI-MC33363A Datasheet
399Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1998 REV 1
logo
Sanken electric
STR-A606XH SANKEN-STR-A606XH Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR-Y6735 ALLEGRO-STR-Y6735 Datasheet
329Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
logo
Sanken electric
STR3A151D SANKEN-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-Y6735 SANKEN-STR-Y6735 Datasheet
254Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com