Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP630GD2TG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP630GD2TG
Description  3.0 A Fast Linear Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP630GD2TG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP630GD2TG Datasheet HTML 2Page - ON Semiconductor NCP630GD2TG Datasheet HTML 3Page - ON Semiconductor NCP630GD2TG Datasheet HTML 4Page - ON Semiconductor NCP630GD2TG Datasheet HTML 5Page - ON Semiconductor NCP630GD2TG Datasheet HTML 6Page - ON Semiconductor NCP630GD2TG Datasheet HTML 7Page - ON Semiconductor NCP630GD2TG Datasheet HTML 8Page - ON Semiconductor NCP630GD2TG Datasheet HTML 9Page - ON Semiconductor NCP630GD2TG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NCP630
http://onsemi.com
8
TAPE AND REEL SPECIFICATION
SOP
Description
Leads
Package
Length
Package
Width
Package
Thickness
Reel
Quantity
Tape
Pitch
Tape
Width
Vendor P/N
D2PAK
5
9.2 mm
10 mm
4.4 mm
800
16 mm
24 mm
DDPAK−B
Figure 12. Package Carrier Dimensions
11.5
±0.1
24.0
±0.3
1.75
±0.1
B
B
16.00
∅ 1.55 ±0.05
∅ 1.50 MIN
A0
0.30
$ 0.05
2.40
Max
B0
4.70
K0
R 0.3 MAX
SECTION B−B
A0 = 10.60 ±0.15
B0 = 16.50 ±0.15
K0 = 4.90 ±0.15
NOTES:
1. A0 & B0 MEASURED AT 0.3 mm ABOVE BASE OF POCKET
2. 10 PITCHES CUMULATIVE TOTAL
±0.2 mm
ALL DIMENSIONS IN MILLIMETERS
1.00
SECTION A−A
0.70 Max
20
°
Max
9.00
11.15
0.30
$ 0.05
A
A
2.0
±0.1
4.0
±0.1
See Note #2
Figure 13. Reel Dimensions
Nominal
Hub Depth
W2MAX
4 mm
4.4
7.1
W1 +3
−2
8 mm
8.4
11.1
16 mm
16.4
19.1
28 mm
28.4
31.1


Similar Part No. - NCP630GD2TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP630GD2T ONSEMI-NCP630GD2T Datasheet
90Kb / 10P
   3.0 A Fast Linear Voltage Regulators
January, 2003 - Rev. 3
NCP630GD2TR4 ONSEMI-NCP630GD2TR4 Datasheet
90Kb / 10P
   3.0 A Fast Linear Voltage Regulators
January, 2003 - Rev. 3
More results

Similar Description - NCP630GD2TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP630 ONSEMI-NCP630 Datasheet
90Kb / 10P
   3.0 A Fast Linear Voltage Regulators
January, 2003 - Rev. 3
LM323 ONSEMI-LM323_02 Datasheet
78Kb / 8P
   3.0 A Positive Voltage Regulators
January, 2002 ??Rev. 2
MC78T00 ONSEMI-MC78T00_04 Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
logo
Texas Instruments
LP3872 TI1-LP3872_16 Datasheet
2Mb / 28P
[Old version datasheet]   1.5-A Fast Ultra-Low-Dropout Linear Regulators
logo
ON Semiconductor
NCP5663 ONSEMI-NCP5663_V01 Datasheet
483Kb / 13P
   Linear Regulator - Low Output Voltage, Ultra-Fast Low Dropout, Enable 3.0 A
October, 2019 - Rev. 6
logo
Texas Instruments
TPS76715 TI-TPS76715 Datasheet
403Kb / 22P
[Old version datasheet]   FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS
LP3852 TI-LP3852_15 Datasheet
2Mb / 32P
[Old version datasheet]   1.5-A Fast Response Ultra-Low Dropout Linear Regulators
LP3871 TI-LP3871_15 Datasheet
1Mb / 26P
[Old version datasheet]   LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators
TPS76715Q TI-TPS76715Q_07 Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS767 TI1-TPS767_16 Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com