Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1011 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1011
Description  Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1011 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1011 Datasheet HTML 3Page - ON Semiconductor NCP1011 Datasheet HTML 4Page - ON Semiconductor NCP1011 Datasheet HTML 5Page - ON Semiconductor NCP1011 Datasheet HTML 6Page - ON Semiconductor NCP1011 Datasheet HTML 7Page - ON Semiconductor NCP1011 Datasheet HTML 8Page - ON Semiconductor NCP1011 Datasheet HTML 9Page - ON Semiconductor NCP1011 Datasheet HTML 10Page - ON Semiconductor NCP1011 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
NCP1010, NCP1011, NCP1012, NCP1013, NCP1014
http://onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 7. VCC ON, FB = 3.5 V vs. Temperature
7.0
7.1
7.2
7.3
7.4
7.5
7.6
7.7
7.8
7.9
8.0
--20
0
20
40
60
100
120
TEMPERATURE (C)
Figure 8. Duty Cycle vs. Temperature
66
67
68
69
--40
0
20
40
60
100
120
TEMPERATURE (C)
--40
80
80
--20
Figure 9. ILatch, FB = 1.5 V vs. Temperature
7.0
7.2
7.4
7.6
7.8
8.0
8.2
8.4
8.6
8.8
9.0
--40
0
20
40
80
100
120
TEMPERATURE (C)
Figure 10. Ipeak--RR, VCC =8.0 V, FB =3.5 V
vs. Temperature
350
400
450
500
550
600
--40
0
20
40
60
100
120
TEMPERATURE (C)
Figure 11. Frequency vs. Temperature
50
60
70
80
90
100
110
--20
0
20
40
60
100
120
TEMPERATURE (C)
100 kHz
65 kHz
Figure 12. ON Resistance vs. Temperature,
NCP1012/1013
0
5
10
15
20
25
--40
0
20
40
80
100
120
TEMPERATURE (C)
NCP1014
--20
60
--20
80
--40
80
60
--20


Similar Part No. - NCP1011

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1011 ONSEMI-NCP1011 Datasheet
324Kb / 24P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
September, 2004 ??Rev. 10
NCP1011 ONSEMI-NCP1011 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1011 ONSEMI-NCP1011 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1011 ONSEMI-NCP1011 Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
NCP1011AP065 ONSEMI-NCP1011AP065 Datasheet
324Kb / 24P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
September, 2004 ??Rev. 10
More results

Similar Description - NCP1011

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1014 ONSEMI-NCP1014 Datasheet
324Kb / 24P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
September, 2004 ??Rev. 10
NCP1010 ONSEMI-NCP1010_14 Datasheet
351Kb / 23P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
September, 2014 ??Rev. 23
NCP1015AP065G ONSEMI-NCP1015AP065G Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
591Kb / 24P
   Self--Supplied Monolithic Switcher for Low Standby--Power Offline SMPS
December, 2010 -- Rev. 22
NCP1015 ONSEMI-NCP1015 Datasheet
336Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
October, 2007 - Rev. 1
NCP1010 ONSEMI-NCP1010_V01 Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
NCP1015 ONSEMI-NCP1015_11 Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com