Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP631GD2TR4G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP631GD2TR4G
Description  3.0 A Linear Voltage Regulator with Soft?뭆tart
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP631GD2TR4G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP631GD2TR4G Datasheet HTML 1Page - ON Semiconductor NCP631GD2TR4G Datasheet HTML 2Page - ON Semiconductor NCP631GD2TR4G Datasheet HTML 3Page - ON Semiconductor NCP631GD2TR4G Datasheet HTML 4Page - ON Semiconductor NCP631GD2TR4G Datasheet HTML 5Page - ON Semiconductor NCP631GD2TR4G Datasheet HTML 6Page - ON Semiconductor NCP631GD2TR4G Datasheet HTML 7Page - ON Semiconductor NCP631GD2TR4G Datasheet HTML 8Page - ON Semiconductor NCP631GD2TR4G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NCP631
http://onsemi.com
5
3.0
1.5
0
0
−50
−100
−150
TIME (
mS)
Cin = 68 mF, Al Electrolytic
Cout = 33 mF, Al Electrolytic
Vin = 5.0 V
0
1020
3040
50
60
4.5
7
6
5
40
20
0
−20
−40
60
TIME (
mS)
Cin = 1.0 mF
Cout = 33 mF, Al Electrolytic
Iout = 200 mA
0
1020
3040
50
60
0.000
0.200
0.400
0.600
0.800
1.000
1.200
1
10
100
1,000
10,000
100,000 1,000,000
f, FREQUENCY (Hz)
Figure 8. Noise Characterization
0
20
40
40
80
100
120
10
100
1,000
10,000
100,000
f, FREQUENCY (Hz)
Vin = 4.47 V
Cout = 33 mF
Cin = 100 mF
Iout = 10 mA
Vin = 5.0 V + 0.5 Vpp
Cout = 100 mF, Al Electrolytic
Iout = 10 mA
Figure 9. Ripple Rejection vs. Frequency
7
6
5
40
30
20
10
0
50
TIME (
mS)
Cin = 68 mF, Al Electrolytic
Cout = 33 mF, Al Electrolytic
Iout = 200 mA
0
100
200
300
400
500
600
Figure 10. Line Transient
Figure 11. Line Transient
Figure 12. Load Transient
Iout = 100 mA to 3.0 A


Similar Part No. - NCP631GD2TR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP631GD2TR4 ONSEMI-NCP631GD2TR4 Datasheet
84Kb / 10P
   3.0 A Linear Voltage Regulator with Soft Start
April, 2003 - Rev. 3
More results

Similar Description - NCP631GD2TR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP631 ONSEMI-NCP631 Datasheet
84Kb / 10P
   3.0 A Linear Voltage Regulator with Soft Start
April, 2003 - Rev. 3
NCP59749 ONSEMI-NCP59749 Datasheet
253Kb / 10P
   3.0 A, Dual-Rail Very Low?륞ropout Linear Regulator with Programmable Soft?륲tart
March, 2014 ??Rev. 0
NCP59744 ONSEMI-NCP59744 Datasheet
205Kb / 10P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator with Programmable Soft-Start
January, 2015 ??Rev. 1
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
   3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
NCP5666 ONSEMI-NCP5666 Datasheet
204Kb / 9P
   3.0 A, Low Dropout Linear Regulator with Enable
October, 2007 - Rev. 1
logo
Motorola, Inc
33702 MOTOROLA-33702 Datasheet
841Kb / 24P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Freescale Semiconductor...
34702 FREESCALE-34702 Datasheet
863Kb / 38P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
November 2020 Rev 5
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com