Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP631GD2TR4 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP631GD2TR4
Description  3.0 A Linear Voltage Regulator with Soft?뭆tart
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP631GD2TR4 Datasheet(HTML) 7 Page - ON Semiconductor

  NCP631GD2TR4 Datasheet HTML 1Page - ON Semiconductor NCP631GD2TR4 Datasheet HTML 2Page - ON Semiconductor NCP631GD2TR4 Datasheet HTML 3Page - ON Semiconductor NCP631GD2TR4 Datasheet HTML 4Page - ON Semiconductor NCP631GD2TR4 Datasheet HTML 5Page - ON Semiconductor NCP631GD2TR4 Datasheet HTML 6Page - ON Semiconductor NCP631GD2TR4 Datasheet HTML 7Page - ON Semiconductor NCP631GD2TR4 Datasheet HTML 8Page - ON Semiconductor NCP631GD2TR4 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NCP631
http://onsemi.com
7
Reverse Current
Some situations might occur were the output pin is raised
to a voltage while the input pin is at zero volts. This situation
will not damage the device.
If the output voltage is raised to a higher voltage than the
input voltage a diode is recommended from output to input
with the anode connect to the output pin.
Thermal Considerations
This series contains an internal thermal limiting circuit
that is designed to protect the regulator in the event that the
maximum junction temperature is exceeded. When
activated, typically at 155
°C, the regulator output switches
off and then back on as the die cools. As a result, if the device
is continuously operated in an overheated condition, the
output will appear to be oscillating. This feature provides
protection from a catastrophic device failure due to
accidental overheating. It is not intended to be used as a
substitute for proper heatsinking. The maximum device
power dissipation can be calculated by:
PD +
TJ(max) * TA
R
qJA
(eq. 7)
The devices are available in surface mount D2PAK
package. The package has an exposed metal tab that is
specifically designed to reduce the junction to air thermal
resistance, RqJA, by utilizing the printed circuit board
copper as a heat dissipater. Figure 13 shows typical RqJA
values that can be obtained from a square pattern using
economical single sided 2.0 ounce copper board material.
The final product thermal limits should be tested and
quantified in order to insure acceptable performance and
reliability. The actual RqJA can vary considerably from the
graphs shown. This will be due to any changes made in the
copper aspect ratio of the final layout, adjacent heat sources,
and air flow.
TAPE AND REEL SPECIFICATION
SOP
Description
Leads
Package
Length
Package
Width
Package
Thickness
Reel
Quantity
Tape
Pitch
Tape
Width
Vendor P/N
D2PAK
5
9.2 mm
10 mm
4.4 mm
800
16 mm
24 mm
DDPAK−B


Similar Part No. - NCP631GD2TR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP631GD2TR4 ONSEMI-NCP631GD2TR4 Datasheet
84Kb / 10P
   3.0 A Linear Voltage Regulator with Soft Start
April, 2003 - Rev. 3
More results

Similar Description - NCP631GD2TR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP631 ONSEMI-NCP631 Datasheet
84Kb / 10P
   3.0 A Linear Voltage Regulator with Soft Start
April, 2003 - Rev. 3
NCP59749 ONSEMI-NCP59749 Datasheet
253Kb / 10P
   3.0 A, Dual-Rail Very Low?륞ropout Linear Regulator with Programmable Soft?륲tart
March, 2014 ??Rev. 0
NCP59744 ONSEMI-NCP59744 Datasheet
205Kb / 10P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator with Programmable Soft-Start
January, 2015 ??Rev. 1
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
   3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
NCP5666 ONSEMI-NCP5666 Datasheet
204Kb / 9P
   3.0 A, Low Dropout Linear Regulator with Enable
October, 2007 - Rev. 1
logo
Motorola, Inc
33702 MOTOROLA-33702 Datasheet
841Kb / 24P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Freescale Semiconductor...
34702 FREESCALE-34702 Datasheet
863Kb / 38P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
November 2020 Rev 5
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com