Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP699 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP699
Description  150 mA CMOS Low Iq LDO with Enable in TSOP??
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP699 Datasheet(HTML) 9 Page - ON Semiconductor

  NCP699 Datasheet HTML 1Page - ON Semiconductor NCP699 Datasheet HTML 2Page - ON Semiconductor NCP699 Datasheet HTML 3Page - ON Semiconductor NCP699 Datasheet HTML 4Page - ON Semiconductor NCP699 Datasheet HTML 5Page - ON Semiconductor NCP699 Datasheet HTML 6Page - ON Semiconductor NCP699 Datasheet HTML 7Page - ON Semiconductor NCP699 Datasheet HTML 8Page - ON Semiconductor NCP699 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
NCP699
http://onsemi.com
9
PACKAGE DIMENSIONS
TSOP−5
(SOT23−5, SC59−5)
SN SUFFIX
CASE 483−02
ISSUE F
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES
LEAD FINISH THICKNESS. MINIMUM LEAD
THICKNESS IS THE MINIMUM THICKNESS
OF BASE MATERIAL.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
5. OPTIONAL CONSTRUCTION: AN
ADDITIONAL TRIMMED LEAD IS ALLOWED
IN THIS LOCATION. TRIMMED LEAD NOT TO
EXTEND MORE THAN 0.2 FROM BODY.
DIM
MIN
MAX
MILLIMETERS
A
3.00 BSC
B
1.50 BSC
C
0.90
1.10
D
0.25
0.50
G
0.95 BSC
H
0.01
0.10
J
0.10
0.26
K
0.20
0.60
L
1.25
1.55
M
0
10
S
2.50
3.00
12
3
54
S
A
G
L
B
D
H
C
J
__
0.7
0.028
1.0
0.039
mm
inches
SCALE 10:1
0.95
0.037
2.4
0.094
1.9
0.074
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.20
5X
C AB
T
0.10
2X
2X
T
0.20
NOTE 5
T
SEATING
PLANE
0.05
K
M
DETAIL Z
DETAIL Z
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NCP699/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NCP699

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP699 ONSEMI-NCP699 Datasheet
220Kb / 8P
   150 mA CMOS Low Iq LDO with Enable in TSOP-5
January, 2009 ??Rev. 8
NCP699SN13T1G ONSEMI-NCP699SN13T1G Datasheet
220Kb / 8P
   150 mA CMOS Low Iq LDO with Enable in TSOP-5
January, 2009 ??Rev. 8
NCP699SN14T1G ONSEMI-NCP699SN14T1G Datasheet
220Kb / 8P
   150 mA CMOS Low Iq LDO with Enable in TSOP-5
January, 2009 ??Rev. 8
NCP699SN15T1G ONSEMI-NCP699SN15T1G Datasheet
220Kb / 8P
   150 mA CMOS Low Iq LDO with Enable in TSOP-5
January, 2009 ??Rev. 8
NCP699SN18T1G ONSEMI-NCP699SN18T1G Datasheet
220Kb / 8P
   150 mA CMOS Low Iq LDO with Enable in TSOP-5
January, 2009 ??Rev. 8
More results

Similar Description - NCP699

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP699SN34T1G ONSEMI-NCP699SN34T1G Datasheet
220Kb / 8P
   150 mA CMOS Low Iq LDO with Enable in TSOP-5
January, 2009 ??Rev. 8
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512_10 Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com