Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP580SQ28T1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP580SQ28T1G
Description  Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP580SQ28T1G Datasheet(HTML) 8 Page - ON Semiconductor

  NCP580SQ28T1G Datasheet HTML 1Page - ON Semiconductor NCP580SQ28T1G Datasheet HTML 2Page - ON Semiconductor NCP580SQ28T1G Datasheet HTML 3Page - ON Semiconductor NCP580SQ28T1G Datasheet HTML 4Page - ON Semiconductor NCP580SQ28T1G Datasheet HTML 5Page - ON Semiconductor NCP580SQ28T1G Datasheet HTML 6Page - ON Semiconductor NCP580SQ28T1G Datasheet HTML 7Page - ON Semiconductor NCP580SQ28T1G Datasheet HTML 8Page - ON Semiconductor NCP580SQ28T1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NCP580
http://onsemi.com
8
APPLICATION INFORMATION
Input Decoupling
A 1.0
mF ceramic capacitor is the recommended value to
be connected between Vin and GND. For PCB layout
considerations, the traces of Vin and GND should be
sufficiently wide in order to minimize noise and prevent
unstable operation.
Output Decoupling
It is best to use a 2.2
mF or higher capacitor value on the
Vout pin. For better performance, select a capacitor with
low Equivalent Series Resistance (ESR). For PCB layout
considerations, place the output capacitor close to the
output pin and keep the leads short as possible.
ORDERING INFORMATION
Device
Output Type / Features
Nominal
Output Voltage
Marking
Package
Shipping†
NCP580SQ15T1G
Active High
1.5
AF
SC−82AB
(Pb−Free)
3000 / Tape & Reel
NCP580SQ18T1G
Active High
1.8
AJ
SC−82AB
(Pb−Free)
3000 / Tape & Reel
NCP580SQ25T1G
Active High
2.5
BF
SC−82AB
(Pb−Free)
3000 / Tape & Reel
NCP580SQ28T1G
Active High
2.8
BJ
SC−82AB
(Pb−Free)
3000 / Tape & Reel
NCP580SQ30T1G
Active High
3.0
CA
SC−82AB
(Pb−Free)
3000 / Tape & Reel
NCP580SQ33T1G
Active High
3.3
CD
SC−82AB
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
Other voltages are available. Consult your ON Semiconductor representative.


Similar Part No. - NCP580SQ28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP580SQ28T1G ONSEMI-NCP580SQ28T1G Datasheet
66Kb / 10P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
August, 2005 ??Rev. 2
More results

Similar Description - NCP580SQ28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP580 ONSEMI-NCP580 Datasheet
66Kb / 10P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
August, 2005 ??Rev. 2
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2115M-1.2G1 BCDSEMI-AP2115M-1.2G1 Datasheet
598Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2114 DIODES-AP2114 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
AP2115 DIODES-AP2115 Datasheet
597Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
logo
ON Semiconductor
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com