Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP623 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NCP623
Description  Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP623 Datasheet(HTML) 2 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCP623
http://onsemi.com
2
GND
Figure 1. NCP623 Block Diagram
* Current Limit
* Antisaturation
* Protection
VIN
VOUT
GND
Bypass
Band Gap
Reference
ON/OFF
On/Off
Thermal
Shutdown
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
Vin
12
V
Power Dissipation and Thermal Resistance
Maximum Power Dissipation
PD
Internally Limited
W
Case 488AE (DFN6, 3x3) MN Suffix
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case
Case 846A (Micro8) DM Suffix
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case
RqJA
**psi−JC* or YJC
RqJA
RqJC
161
13
240
105
°C/W
Operating Ambient Temperature Range
TA
−40 to +85
°C
Maximum Junction Temperature
TJmax
150
°C
Storage Temperature Range
Tstg
−60 to +150
°C
ESD Protection
− Human Body Model
− Machine Model
VESD
2000
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
*“C’’ (“case’’) is defined as the solder−attach interface between the center of the exposed pad on the bottom of the package, and the board to
which it is attached.
** Refer to the JEDEC Specs (51−2, 51−6).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn