Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP623 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NCP623
Description  Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP623 Datasheet(HTML) 1 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2006
September, 2006 − Rev. 7
1
Publication Order Number:
NCP623/D
NCP623
Ultra Low Noise
150 mA Low Dropout
Voltage Regulator with
ON/OFF Control
The NCP623 low dropout linear regulator can deliver up to 150 mA
of output current with a typical dropout voltage of 180 mV. This low
dropout feature helps to maintain a regulated output voltage for a
longer period of time as the lifetime of the battery decreases.
It is the ideal choice for noise sensitive environments like portable
applications where noise performance and space are at a premium. The
typical output noise voltage specification is 25
mVRMS. The space
saving package choices include a Micro8™ or DFN6. An additional
noise saving feature of this device is its ability to filter choppy signals
on the power supply by providing a typical DC ripple rejection of
−90 dB and −70 dB at 1.0 kHz.
The NCP623 is designed to work with very low ESR capacitors such
as ceramic capacitors which are common in the industry now.
Additional features such as thermal shutdown and short−circuit
protection provide for a robust system design.
Features
Very Low Quiescent Current 170 mA (ON, no load), 100 nA
(OFF, no load)
Very Low Dropout Voltage, Typical Value is 137 mV at an Output
Current of 100 mA
Very Low Noise with External Bypass Capacitor (10 nF),
Typically 25
mVRMS over 100 Hz to 100 kHz
Internal Thermal Shutdown
Extremely Tight Line Regulation Typically −90 dB
Ripple Rejection −70 dB @ 1.0 kHz
Line Transient Response: 1.0 mV for DVin = 3.0 V
Extremely Tight Load Regulation, Typically 20 mV at DIout = 150 mA
Multiple Output Voltages Available
Logic Level ON/OFF Control (TTL−CMOS Compatible)
Output Capacitor ESR Can Vary from 0 W to 3.0 W
Pb−Free Packages are Available
Applications
All Portable Systems, Battery Powered Systems, Cellular
Telephones, Radio Control Systems, Toys and Low Voltage Systems
PIN CONNECTIONS
See detailed ordering and shipping information on page 14 of
this data sheet.
ORDERING INFORMATION
Lxx
= Device Code (Micro8)
xx = See Ordering Information
NCP623yy = Device Code (DFN6)
yy = 25, 28, 30, 33, 40, or 50
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb Free Package
Micro8
DM SUFFIX
CASE 846A
MARKING
DIAGRAMS
1
VOUT
NC
Bypass
NC
ON/OFF
GND
VIN
GND
Micro8
(Top View)
1
2
3
4
8
7
6
5
DFN6, 3X3
MN SUFFIX
CASE 488AE
DFN6
(Top View)
VIN
GND
VOUT
ON/OFF
GND
Bypass
1
2
3
6
5
4
NCP6
23yy
ALYW G
G
http://onsemi.com
1
Lxx
AYW G
G
1
8
(Note: Microdot may be in either location)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn