Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP612 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP612
Description  100 mA CMOS Low Iq Voltage Regulator in an SC70??
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP612 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP612_07 Datasheet HTML 3Page - ON Semiconductor NCP612_07 Datasheet HTML 4Page - ON Semiconductor NCP612_07 Datasheet HTML 5Page - ON Semiconductor NCP612_07 Datasheet HTML 6Page - ON Semiconductor NCP612_07 Datasheet HTML 7Page - ON Semiconductor NCP612_07 Datasheet HTML 8Page - ON Semiconductor NCP612_07 Datasheet HTML 9Page - ON Semiconductor NCP612_07 Datasheet HTML 10Page - ON Semiconductor NCP612_07 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NCP612, NCV612
http://onsemi.com
8
APPLICATIONS INFORMATION
A typical application circuit for the NCP612/NCV612 is
shown in Figure 1, front page.
Input Decoupling (C1)
A 1.0
mF capacitor either ceramic or tantalum is
recommended and should be connected close to the
NCP612/NCV612 package. Higher values and lower ESR
will improve the overall line transient response.
TDK capacitor: C2012X5R1C105K, or C1608X5R1A105K
Output Decoupling (C2)
The NCP612/NCV612 is a stable regulator and does not
require any specific Equivalent Series Resistance (ESR) or
a minimum output current. Capacitors exhibiting ESRs
ranging from a few m
W up to 5.0 W can thus safely be used.
The minimum decoupling value is 1.0
mF and can be
augmented to fulfill stringent load transient requirements.
The regulator accepts ceramic chip capacitors as well as
tantalum capacitors. Larger values improve noise rejection
and load regulation transient response.
TDK capacitor: C2012X5R1C105K, C1608X5R1A105K,
or C3216X7R1C105K
Enable Operation
The enable pin will turn on the regulator when pulled high
and turn off the regulator when pulled low. These limits of
threshold are covered in the electrical specification section
of this data sheet. If the enable is not used then the pin should
be connected to Vin.
Hints
Please be sure the Vin and Gnd lines are sufficiently wide.
When the impedance of these lines is high, there is a chance
to pick up noise or cause the regulator to malfunction.
Set external components, especially the output capacitor,
as close as possible to the circuit, and make leads as short as
possible.
Thermal
As power across the NCP612/NCV612 increases, it might
become necessary to provide some thermal relief. The
maximum power dissipation supported by the device is
dependent upon board design and layout. Mounting pad
configuration on the PCB, the board material and also the
ambient temperature effect the rate of temperature rise for
the part. This is stating that when the NCP612/NCV612 has
good thermal conductivity through the PCB, the junction
temperature will be relatively low with high power
dissipation applications.
The maximum dissipation the package can handle is
given by:
PD
+
TJ(max) *TA
R
qJA
If junction temperature is not allowed above the
maximum 125
°C, then the NCP612/NCV612 can dissipate
up to 330 mW @ 25
°C.
The power dissipated by the NCP612/NCV612 can be
calculated from the following equation:
Ptot + [Vin *Ignd (Iout)] ) [Vin * Vout] *Iout
or
VinMAX +
Ptot ) Vout * Iout
Ignd ) Iout
If an 100 mA output current is needed then the ground
current
from
the
data
sheet
is
40
mA. For an
NCP612/NCV612 (3.0 V), the maximum input voltage will
then be 6.0 V (Limited by maximum input voltage).


Similar Part No. - NCP612_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6121 ONSEMI-NCP6121 Datasheet
315Kb / 28P
   Dual Output 3 Phase 1/0 Phase Controller
January, 2013 ??Rev. 2
NCP6121S52MNR2G ONSEMI-NCP6121S52MNR2G Datasheet
315Kb / 28P
   Dual Output 3 Phase 1/0 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
January, 2013 ??Rev. 2
NCP6121S52MNR2G ONSEMI-NCP6121S52MNR2G Datasheet
315Kb / 28P
   Dual Output 3 Phase 1/0 Phase Controller
January, 2013 ??Rev. 2
NCP612SQ15T1 ONSEMI-NCP612SQ15T1 Datasheet
61Kb / 10P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
April, 2005 ??Rev. 0
NCP612SQ15T1G ONSEMI-NCP612SQ15T1G Datasheet
158Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
May, 2013 ??Rev. 3
More results

Similar Description - NCP612_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP612 ONSEMI-NCP612 Datasheet
61Kb / 10P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
April, 2005 ??Rev. 0
NCP612SQ30T2G ONSEMI-NCP612SQ30T2G Datasheet
158Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
May, 2013 ??Rev. 3
NCP502 ONSEMI-NCP502 Datasheet
114Kb / 10P
   80 mA CMOS Low Iq Voltage Regulator in an SC70??
January, 2005 ??Rev. 9
NCP512 ONSEMI-NCP512 Datasheet
60Kb / 10P
   80 mA CMOS Low Iq Voltage Regulator in an SC70-5
November, 2003 ??Rev. 7
NCP612 ONSEMI-NCP612_17 Datasheet
86Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator
April, 2017 ??Rev. 4
NCP662 ONSEMI-NCP662 Datasheet
70Kb / 10P
   100 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2005 ??Rev. 1
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP553SQ18T1G ONSEMI-NCP553SQ18T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP552 ONSEMI-NCP552 Datasheet
66Kb / 10P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
September, 2004 ??Rev. 5
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com