Electronic Components Datasheet Search |
|
NCP305LSQ20T1G Datasheet(PDF) 3 Page - ON Semiconductor |
|
NCP305LSQ20T1G Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 23 page NCP304, NCP305 http://onsemi.com 3 ELECTRICAL CHARACTERISTICS (continued) (For all values TA = 25°C, unless otherwise noted.) Characteristic Unit Max Typ Min Symbol NCP304/5 − 0.9 Complementary Output NCP304 Series Output Transition, High to Low (Note 4) Output Transition, Low to High (Note 4) tpHL tpLH − − 18 6.0 − 60 N−Channel Open Drain NCP305 Series Output Transition, High to Low (Note 4) Output Transition, Low to High (Note 4) tpHL tpLH − − 18 − − 100 NCP304/5 − 1.8 Detector Threshold (Pin 2, Vin Decreasing) VDET− 1.764 1.80 1.836 V Detector Threshold Hysteresis (Pin 2, Vin Increasing) VHYS 0.054 0.090 0.126 V Supply Current (Pin 2) (Vin = 1.7 V) (Vin = 3.8 V) Iin − − 0.8 1.0 2.4 3.0 mA Maximum Operating Voltage (Pin 2) Vin(max) − − 10 V Minimum Operating Voltage (Pin 2) (TA = −40°C to 85°C) Vin(min) − − 0.55 0.65 0.70 0.80 V Reset Output Current (Pin 1, Active Low ‘L’ Suffix Devices) IOUT mA N−Channel Sink Current, NCP304, NCP305 (VOUT = 0.05 V, Vin = 0.70 V) (VOUT = 0.50 V, Vin = 1.5 V) 0.01 1.0 0.05 2.0 − − P−Channel Source Current, NCP304 (VOUT = 2.4 V, Vin = 4.5 V) 1.0 2.0 − Reset Output Current (Pin 1, Active High ‘H’ Suffix Devices) IOUT mA N−Channel Sink Current, NCP304, NCP305 (VOUT = 0.5 V, Vin = 5.0 V) 6.3 11 − P−Channel Source Current, NCP304 (VOUT = 0.4 V, Vin = 0.7 V) (VOUT = GND, Vin = 1.5 V) 0.011 0.525 0.04 0.6 − − Propagation Delay Input to Output (Figure 2) ms Complementary Output NCP304 Series Output Transition, High to Low (Note 4) Output Transition, Low to High (Note 4) tpHL tpLH − − 14 15 − 60 N−Channel Open Drain NCP305 Series Output Transition, High to Low (Note 4) Output Transition, Low to High (Note 4) tpHL tpLH − − 14 − − 100 NCP304/5 − 2.0 Detector Threshold (Pin 2, Vin Decreasing) VDET− 1.960 2.00 2.040 V Detector Threshold Hysteresis (Pin 2, Vin Increasing) VHYS 0.06 0.10 0.14 V Supply Current (Pin 2) (Vin = 1.9 V) (Vin = 4.0 V) Iin − − 0.9 1.1 2.7 3.3 mA Maximum Operating Voltage (Pin 2) Vin(max) − − 10 V Minimum Operating Voltage (Pin 2) (TA = −40°C to 85°C) Vin(min) − − 0.55 0.65 0.70 0.80 V Reset Output Current (Pin 1, Active Low ‘L’ Suffix Devices) IOUT mA 4. In the case of CMOS Output Type: The time interval between the rising edge of VDD input pulse from 0.7 V to (+VDET) +2.0 V and output voltage level becoming to VDD/2. In the case of N−Channel Open Drain Output Type: Output pin is pulled up with a resistance of 470 kW to 5.0 V, the time interval between the rising edge of VDD input pulse from 0.7 V to (+VDET) +2.0 V and output voltage level becoming to 2.5 V. |
Similar Part No. - NCP305LSQ20T1G |
|
Similar Description - NCP305LSQ20T1G |