Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP305LSQ16T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP305LSQ16T1G
Description  Voltage Detector Series
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP305LSQ16T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP305LSQ16T1G Datasheet HTML 1Page - ON Semiconductor NCP305LSQ16T1G Datasheet HTML 2Page - ON Semiconductor NCP305LSQ16T1G Datasheet HTML 3Page - ON Semiconductor NCP305LSQ16T1G Datasheet HTML 4Page - ON Semiconductor NCP305LSQ16T1G Datasheet HTML 5Page - ON Semiconductor NCP305LSQ16T1G Datasheet HTML 6Page - ON Semiconductor NCP305LSQ16T1G Datasheet HTML 7Page - ON Semiconductor NCP305LSQ16T1G Datasheet HTML 8Page - ON Semiconductor NCP305LSQ16T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
© Semiconductor Components Industries, LLC, 2006
May, 2006 − Rev. 18
1
Publication Order Number:
NCP304/D
NCP304, NCP305
Voltage Detector Series
The NCP304 and NCP305 series are second generation ultra−low
current voltage detectors. These devices are specifically designed for
use as reset controllers in portable microprocessor based systems
where extended battery life is paramount.
Each series features a highly accurate undervoltage detector with
hysteresis which prevents erratic system reset operation as the
comparator threshold is crossed.
The NCP304 series consists of complementary output devices that
are available with either an active high or active low reset output. The
NCP305 series has an open drain N−Channel output with an active low
reset output.
The NCP304 and NCP305 device series are available in the
SC−82AB package with standard undervoltage thresholds. Additional
thresholds that range from 0.9 V to 4.9 V in 100 mV steps can
be manufactured.
Features
Quiescent Current of 1.0 mA Typical
High Accuracy Undervoltage Threshold of 2.0%
Wide Operating Voltage Range of 0.8 V to 10 V
Complementary or Open Drain Reset Output
Active Low or Active High Reset Output
Pb−Free Packages are Available
Typical Applications
Microprocessor Reset Controller
Low Battery Detection
Power Fail Indicator
Battery Backup Detection
NCP305LSQxxT1
Open Drain Output Configuration
NCP304xSQxxT1
Complementary Output Configuration
Vref
Vref
Input
Reset Output
GND
4
1
2
Input
Reset Output
GND
4
1
2
*
* The representative block diagram depicts active low reset output ‘L’ suffix devices. The comparator
input is interchanged for the active high output ‘H’ suffix devices.
This device contains 38 active transistors.
This device contains 37 active transistors.
Figure 1. Representative Block Diagrams
See detailed ordering and shipping information in the ordering
information section on page 19 of this data sheet.
ORDERING INFORMATION
SC−82AB
SQ SUFFIX
CASE 419C
PIN CONNECTIONS AND
MARKING DIAGRAM
4
1
Reset
Output
N.C.
(Top View)
xxx
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
http://onsemi.com
1
2
43
GND
Vin
xxx M
G
G
(Note: Microdot may be in either location)


Similar Part No. - NCP305LSQ16T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP305LSQ16T1 ONSEMI-NCP305LSQ16T1 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP305LSQ16T1 ONSEMI-NCP305LSQ16T1 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
More results

Similar Description - NCP305LSQ16T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP302 ONSEMI-NCP302_14 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
NCP300 ONSEMI-NCP300_16 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301LSN24T1G ONSEMI-NCP301LSN24T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300_07 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com