Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYM26F Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BYM26F
Description  Fast soft-recovery controlled avalanche rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM26F Datasheet(HTML) 5 Page - NXP Semiconductors

  BYM26F Datasheet HTML 1Page - NXP Semiconductors BYM26F Datasheet HTML 2Page - NXP Semiconductors BYM26F Datasheet HTML 3Page - NXP Semiconductors BYM26F Datasheet HTML 4Page - NXP Semiconductors BYM26F Datasheet HTML 5Page - NXP Semiconductors BYM26F Datasheet HTML 6Page - NXP Semiconductors BYM26F Datasheet HTML 7Page - NXP Semiconductors BYM26F Datasheet HTML 8Page - NXP Semiconductors BYM26F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1996 May 24
5
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYM26 series
GRAPHICAL DATA
handbook, halfpage
0
200
2.4
0
MSA875
0.6
100
I F(AV)
(A)
1.2
1.8
lead length (mm)
20 15
10
T
( C)
o
tp
BYM26A to E
a = 1.42; VR =VRRMmax; δ = 0.5.
Switched mode application.
Fig.2
Maximum average forward current as a
function of tie-point temperature (including
losses due to reverse leakage).
handbook, halfpage
0
200
3
0
1
MBD421
100
I F(AV)
(A)
T
( C)
o
tp
2
lead length 10 mm
BYM26F and G
a = 1.42; VR =VRRMmax; δ = 0.5.
Switched mode application.
Fig.3
Maximum average forward current as a
function of tie-point temperature (including
losses due to reverse leakage).
BYM26A to E
a = 1.42; VR =VRRMmax; δ = 0.5.
Device mounted as shown in Fig.19.
Switched mode application.
Fig.4
Maximum average forward current as a
function of ambient temperature (including
losses due to reverse leakage).
handbook, halfpage
0
200
2.0
0
0.4
1.6
MLB490
100
I F(AV)
(A)
T
( C)
o
amb
0.8
1.2
handbook, halfpage
0
200
2.0
0
0.4
1.6
MBD416
100
I F(AV)
(A)
T
( C)
o
amb
0.8
1.2
BYM26F and G
a = 1.42; VR =VRRMmax; δ = 0.5.
Device mounted as shown in Fig.19.
Switched mode application.
Fig.5
Maximum average forward current as a
function of ambient temperature (including
losses due to reverse leakage).


Similar Part No. - BYM26F

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
logo
Shenzhen Luguang Electr...
BYM26A LUGUANG-BYM26A Datasheet
163Kb / 2P
   Super Fast Rectifiers
logo
SUNMATE electronic Co.,...
BYM26A SUNMATE-BYM26A Datasheet
354Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
Diode Semiconductor Kor...
BYM26A DSK-BYM26A Datasheet
272Kb / 2P
   SUPER FAST RECTIFIERS
logo
Thinki Semiconductor Co...
BYM26A THINKISEMI-BYM26A Datasheet
3Mb / 2P
   2.3 Amperes Glass Passivated Ultra Fast Recovery Rectifier Diode
More results

Similar Description - BYM26F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
New Jersey Semi-Conduct...
BYW95 NJSEMI-BYW95 Datasheet
141Kb / 2P
   Fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
BYD53 PHILIPS-BYD53 Datasheet
81Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 04
BYM36 PHILIPS-BYM36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com