Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA8L-8MC Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATMEGA8L-8MC
Description  8-bit with 8K Bytes In-System Programmable Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8L-8MC Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATMEGA8L-8MC Datasheet HTML 13Page - ATMEL Corporation ATMEGA8L-8MC Datasheet HTML 14Page - ATMEL Corporation ATMEGA8L-8MC Datasheet HTML 15Page - ATMEL Corporation ATMEGA8L-8MC Datasheet HTML 16Page - ATMEL Corporation ATMEGA8L-8MC Datasheet HTML 17Page - ATMEL Corporation ATMEGA8L-8MC Datasheet HTML 18Page - ATMEL Corporation ATMEGA8L-8MC Datasheet HTML 19Page - ATMEL Corporation ATMEGA8L-8MC Datasheet HTML 20Page - ATMEL Corporation ATMEGA8L-8MC Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17
ATmega8(L)
2486QS–AVR–10/06
Erratas
The revision letter in this section refers to the revision of the ATmega8 device.
ATmega8
Rev. D to I
First Analog Comparator conversion may be delayed
Interrupts may be lost when writing the timer registers in the asynchronous timer
Signature may be Erased in Serial Programming Mode
CKOPT Does not Enable Internal Capacitors on XTALn/TOSCn Pins when 32 KHz
Oscillator is Used to Clock the Asynchronous Timer/Counter2
1.
First Analog Comparator conversion may be delayed
If the device is powered by a slow rising V
CC, the first Analog Comparator conver-
sion will take longer than expected on some devices.
Problem Fix/Workaround
When the device has been powered or reset, disable then enable theAnalog Com-
parator before the first conversion.
2.
Interrupts may be lost when writing the timer registers in the asynchronous
timer
If one of the timer registers which is synchronized to the asynchronous timer2 clock
is written in the cycle before a overflow interrupt occurs, the interrupt may be lost.
Problem Fix/Workaround
Always check that the Timer2 Timer/Counter register, TCNT2, does not have the
value 0xFF before writing the Timer2 Control Register, TCCR2, or Output Compare
Register, OCR2
3.
Signature may be Erased in Serial Programming Mode
If the signature bytes are read before a chiperase command is completed, the sig-
nature may be erased causing the device ID and calibration bytes to disappear. This
is critical, especially, if the part is running on internal RC oscillator.
Problem Fix/Workaround:
Ensure that the chiperase command has exceeded before applying the next
command.
4.
CKOPT Does not Enable Internal Capacitors on XTALn/TOSCn Pins when
32 KHz Oscillator is Used to Clock the Asynchronous Timer/Counter2
When the internal RC Oscillator is used as the main clock source, it is possible to
run the Timer/Counter2 asynchronously by connecting a 32 KHz Oscillator between
XTAL1/TOSC1 and XTAL2/TOSC2. But when the internal RC Oscillator is selected
as the main clock source, the CKOPT Fuse does not control the internal capacitors
on XTAL1/TOSC1 and XTAL2/TOSC2. As long as there are no capacitors con-
nected to XTAL1/TOSC1 and XTAL2/TOSC2, safe operation of the Oscillator is not
guaranteed.
Problem fix/Workaround
Use external capacitors in the range of 20 - 36 pF on XTAL1/TOSC1 and
XTAL2/TOSC2. This will be fixed in ATmega8 Rev. G where the CKOPT Fuse will
control internal capacitors also when internal RC Oscillator is selected as main clock
source. For ATmega8 Rev. G, CKOPT = 0 (programmed) will enable the internal
capacitors on XTAL1 and XTAL2. Customers who want compatibility between Rev.
G and older revisions, must ensure that CKOPT is unprogrammed (CKOPT = 1).


Similar Part No. - ATMEGA8L-8MC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8L-8MC ATMEL-ATMEGA8L-8MC Datasheet
5Mb / 303P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8L-8MC ATMEL-ATMEGA8L-8MC Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA8L-8MC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8 ATMEL-ATMEGA8_08 Datasheet
4Mb / 308P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_09 Datasheet
485Kb / 19P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_1 Datasheet
6Mb / 307P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_10 Datasheet
520Kb / 25P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com