Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA169V Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATMEGA169V
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA169V Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATMEGA169V_06 Datasheet HTML 15Page - ATMEL Corporation ATMEGA169V_06 Datasheet HTML 16Page - ATMEL Corporation ATMEGA169V_06 Datasheet HTML 17Page - ATMEL Corporation ATMEGA169V_06 Datasheet HTML 18Page - ATMEL Corporation ATMEGA169V_06 Datasheet HTML 19Page - ATMEL Corporation ATMEGA169V_06 Datasheet HTML 20Page - ATMEL Corporation ATMEGA169V_06 Datasheet HTML 21Page - ATMEL Corporation ATMEGA169V_06 Datasheet HTML 22Page - ATMEL Corporation ATMEGA169V_06 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
19
ATmega169/V
2514PS–AVR–07/06
Problem Fix / Workaround
If ATmega169 is the only device in the scan chain, the problem is not visible.
Select the Device ID Register of the ATmega169 by issuing the IDCODE
instruction or by entering the Test-Logic-Reset state of the TAP controller to
read out the contents of its Device ID Register and possibly data from
succeeding devices of the scan chain. Issue the BYPASS instruction to the
ATmega169 while reading the Device ID Registers of preceding devices of
the boundary scan chain.
If the Device IDs of all devices in the boundary scan chain must be captured
simultaneously, the ATmega169 must be the first device in the chain.
ATmega169 Rev B
Interrupts may be lost when writing the timer registers in the asynchronous timer
Internal Oscillator Runs at 4 MHz
LCD Contrast Voltage is not Correct
External Oscillator is Non-functional
USART
ADC Measures with Lower Accuracy than Specified
Serial Downloading
IDCODE masks data from TDI input
8.
Interrupts may be lost when writing the timer registers in the asynchronous
timer
If one of the timer registers which is synchronized to the asynchronous timer2 clock
is written in the cycle before a overflow interrupt occurs, the interrupt may be lost.
Problem Fix/Workaround
Always check that the Timer2 Timer/Counter register, TCNT2, does not have the
value 0xFF before writing the Timer2 Control Register, TCCR2, or Output Compare
Register, OCR2.
7.
Internal Oscillator Runs at 4 MHz
The Internal Oscillator runs at 4 MHz instead of the specified 8 MHz. Therefore, all
Flash/EEPROM programming times are twice as long as specified. This includes
Chip Erase, Byte programming, Page programming, Fuse programming, Lock bit
programming, EEPROM write from the CPU, and Flash Self-Programming.
For this reason, rev-B samples are shipped with the CKDIV8 Fuse unprogrammed.
Problem Fix/Workaround
If 8 MHz operation is required, apply an external clock (this will be fixed in rev. C).
6.
LCD Contrast Voltage is not Correct
The LCD contrast voltage between 1.8V and 3.1V is incorrect. When the V
CC is
between 1.8V and 3.1V, the LCD contrast voltage drops approx. 0.5V. The current
consumption in this interval is higher than expected.
Problem Fix/Workaround
Contrast will be wrong, but display will still be readable, can be partly compensated
for using the contrast control register (this will be fixed in rev. C).
5.
External Oscillator is Non-functional
The external oscillator does not run with the setup described in the datasheet.
Problem Fix/Workaround
Use other clock source (this will be fixed in rev. C).


Similar Part No. - ATMEGA169V_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA169V-8AI ATMEL-ATMEGA169V-8AI Datasheet
3Mb / 365P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V-8AU ATMEL-ATMEGA169V-8AU Datasheet
3Mb / 365P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V-8MI ATMEL-ATMEGA169V-8MI Datasheet
3Mb / 365P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V-8MU ATMEL-ATMEGA169V-8MU Datasheet
3Mb / 365P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_14 Datasheet
3Mb / 365P
   Non-volatile Program and Data Memories
More results

Similar Description - ATMEGA169V_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_1 Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162 ATMEL-ATMEGA162_1 Datasheet
5Mb / 324P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com