Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA8L-8AC Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATMEGA8L-8AC
Description  8-bit with 8K Bytes In-System Programmable Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8L-8AC Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATMEGA8L-8AC Datasheet HTML 9Page - ATMEL Corporation ATMEGA8L-8AC Datasheet HTML 10Page - ATMEL Corporation ATMEGA8L-8AC Datasheet HTML 11Page - ATMEL Corporation ATMEGA8L-8AC Datasheet HTML 12Page - ATMEL Corporation ATMEGA8L-8AC Datasheet HTML 13Page - ATMEL Corporation ATMEGA8L-8AC Datasheet HTML 14Page - ATMEL Corporation ATMEGA8L-8AC Datasheet HTML 15Page - ATMEL Corporation ATMEGA8L-8AC Datasheet HTML 16Page - ATMEL Corporation ATMEGA8L-8AC Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
ATmega8(L)
2486QS–AVR–10/06
Ordering Information
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging alternative, complies to the European Directive for Restriction of Hazardous Substances (RoHS direc-
tive). Also Halide free and fully Green.
Speed (MHz)
Power Supply
Ordering Code
Package(1)
Operation Range
8
2.7 - 5.5
ATmega8L-8AC
ATmega8L-8PC
ATmega8L-8MC
32A
28P3
32M1-A
Commercial
(0°C to 70°C)
ATmega8L-8AI
ATmega8L-8AU(2)
ATmega8L-8PI
ATmega8L-8PU(2)
ATmega8L-8MI
ATmega8L-8MU(2)
32A
32A
28P3
28P3
32M1-A
32M1-A
Industrial
(-40°C to 85°C)
16
4.5 - 5.5
ATmega8-16AC
ATmega8-16PC
ATmega8-16MC
32A
28P3
32M1-A
Commercial
(0°C to 70°C)
ATmega8-16AI
ATmega8-16AU(2)
ATmega8-16PI
ATmega8-16PU(2)
ATmega8-16MI
ATmega8-16MU(2)
32A
32A
28P3
28P3
32M1-A
32M1-A
Industrial
(-40°C to 85°C)
Package Type
32A
32-lead, Thin (1.0 mm) Plastic Quad Flat Package (TQFP)
28P3
28-lead, 0.300” Wide, Plastic Dual Inline Package (PDIP)
32M1-A
32-pad, 5 x 5 x 1.0 body, Lead Pitch 0.50 mm Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)


Similar Part No. - ATMEGA8L-8AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8L-8AC ATMEL-ATMEGA8L-8AC Datasheet
5Mb / 303P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8L-8AC ATMEL-ATMEGA8L-8AC Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA8L-8AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8 ATMEL-ATMEGA8_08 Datasheet
4Mb / 308P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_09 Datasheet
485Kb / 19P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_1 Datasheet
6Mb / 307P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_10 Datasheet
520Kb / 25P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com