Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATMEGA128 Datasheet(PDF) 5 Page - ATMEL Corporation

Part No. ATMEGA128
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA128 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATMEGA128_06 Datasheet HTML 1Page - ATMEL Corporation ATMEGA128_06 Datasheet HTML 2Page - ATMEL Corporation ATMEGA128_06 Datasheet HTML 3Page - ATMEL Corporation ATMEGA128_06 Datasheet HTML 4Page - ATMEL Corporation ATMEGA128_06 Datasheet HTML 5Page - ATMEL Corporation ATMEGA128_06 Datasheet HTML 6Page - ATMEL Corporation ATMEGA128_06 Datasheet HTML 7Page - ATMEL Corporation ATMEGA128_06 Datasheet HTML 8Page - ATMEL Corporation ATMEGA128_06 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
ATmega128
2467OS–AVR–10/06
The ATmega128 is 100% pin compatible with ATmega103, and can replace the
ATmega103 on current Printed Circuit Boards. The application note “Replacing
ATmega103 by ATmega128” describes what the user should be aware of replacing the
ATmega103 by an ATmega128.
ATmega103 Compatibility
Mode
By programming the M103C fuse, the ATmega128 will be compatible with the
ATmega103 regards to RAM, I/O pins and interrupt vectors as described above. How-
ever, some new features in ATmega128 are not available in this compatibility mode,
these features are listed below:
One USART instead of two, Asynchronous mode only. Only the eight least
significant bits of the Baud Rate Register is available.
One 16 bits Timer/Counter with two compare registers instead of two 16-bit
Timer/Counters with three compare registers.
Two-wire serial interface is not supported.
Port C is output only.
Port G serves alternate functions only (not a general I/O port).
Port F serves as digital input only in addition to analog input to the ADC.
Boot Loader capabilities is not supported.
It is not possible to adjust the frequency of the internal calibrated RC Oscillator.
The External Memory Interface can not release any Address pins for general I/O,
neither configure different wait-states to different External Memory Address
sections.
In addition, there are some other minor differences to make it more compatible to
ATmega103:
Only EXTRF and PORF exists in MCUCSR.
Timed sequence not required for Watchdog Time-out change.
External Interrupt pins 3 - 0 serve as level interrupt only.
USART has no FIFO buffer, so data overrun comes earlier.
Unused I/O bits in ATmega103 should be written to 0 to ensure same operation in
ATmega128.
Pin Descriptions
VCC
Digital supply voltage.
GND
Ground.
Port A (PA7..PA0)
Port A is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each
bit). The Port A output buffers have symmetrical drive characteristics with both high sink
and source capability. As inputs, Port A pins that are externally pulled low will source
current if the pull-up resistors are activated. The Port A pins are tri-stated when a reset
condition becomes active, even if the clock is not running.
Port A also serves the functions of various special features of the ATmega128 as listed
on page 72.
Port B (PB7..PB0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each
bit). The Port B output buffers have symmetrical drive characteristics with both high sink
and source capability. As inputs, Port B pins that are externally pulled low will source


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn