Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGB-1089Z Datasheet(PDF) 3 Page - SIRENZA MICRODEVICES

Part No. CGB-1089Z
Description  50 - 1000 MHz Single Ended InGaP/GaAs HBT MMIC CATV Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIRENZA [SIRENZA MICRODEVICES]
Homepage  
Logo SIRENZA - SIRENZA MICRODEVICES

CGB-1089Z Datasheet(HTML) 3 Page - SIRENZA MICRODEVICES

  CGB-1089Z Datasheet HTML 1Page - SIRENZA MICRODEVICES CGB-1089Z Datasheet HTML 2Page - SIRENZA MICRODEVICES CGB-1089Z Datasheet HTML 3Page - SIRENZA MICRODEVICES CGB-1089Z Datasheet HTML 4Page - SIRENZA MICRODEVICES CGB-1089Z Datasheet HTML 5Page - SIRENZA MICRODEVICES CGB-1089Z Datasheet HTML 6Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Broomfield, CO 80021
3
EDS-104857 Rev A
CGB-1089Z 50-1000 MHz Cascadable MMIC Amplifier
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
Preliminary
Typical Unit S-Parameters vs Temperature. See page 5 for application circuit.
DC Current Supply vs Voltage, Typ Unit.
0
20
40
60
80
100
120
0123
456
Voltage(V)
-40C
+25C
+85C
Input Return Loss vs Temp
-40
-35
-30
-25
-20
-15
-10
-5
0
0
100 200 300 400 500 600 700 800 900 1000
Frequency (MHz)
-40C
25c
85C
Reverse Isolation vs Temp
-30
-25
-20
-15
-10
0
100 200 300 400 500 600 700 800 900 1000
Frequency (MHz)
-40C
25c
85C
Forward Gain vs Temp
10
12
14
16
18
20
0
100 200 300 400 500 600 700 800 900 1000
Frequency (MHz)
-40C
25c
85C
Output Return Loss vs Temp
-40
-35
-30
-25
-20
-15
-10
-5
0
0
100 200 300 400 500 600 700 800 900 1000
Frequency (MHz)
-40C
25c
85C
Noise Figure vs Freq, Typ Unit, Temp Data
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
200
400
600
800
1000
Freq(MHz)
-40c
+25c
+85c
Typical Unit Performance. See page 5 for application circuit.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn