Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGB-1089Z Datasheet(PDF) 2 Page - SIRENZA MICRODEVICES

Part No. CGB-1089Z
Description  50 - 1000 MHz Single Ended InGaP/GaAs HBT MMIC CATV Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIRENZA [SIRENZA MICRODEVICES]
Homepage  
Logo SIRENZA - SIRENZA MICRODEVICES

CGB-1089Z Datasheet(HTML) 2 Page - SIRENZA MICRODEVICES

  CGB-1089Z Datasheet HTML 1Page - SIRENZA MICRODEVICES CGB-1089Z Datasheet HTML 2Page - SIRENZA MICRODEVICES CGB-1089Z Datasheet HTML 3Page - SIRENZA MICRODEVICES CGB-1089Z Datasheet HTML 4Page - SIRENZA MICRODEVICES CGB-1089Z Datasheet HTML 5Page - SIRENZA MICRODEVICES CGB-1089Z Datasheet HTML 6Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Broomfield, CO 80021
2
EDS-104857 Rev A
CGB-1089Z 50-1000 MHz Cascadable MMIC Amplifier
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
Preliminary
Typical RF Performance with Application Circuit (pg. 5) at Key Operating Frequencies
P1dB vs Frequency, Typ Unit vs Temp
12
13
14
15
16
17
18
19
20
0
100
200
300
400
500
600
700
800
900
1000
Frequency(MHz)
-40C
+25C
+85C
OIP3 Vs Freq. Typ. Unit Pout/Tone = 0dBm, 6MHz Spacing
30
32
34
36
38
40
42
0
100
200
300
400
500
600
700
800
900
1000
Freq.(MHz)
-40C
+25C
+85C
Absolute Maximum Ratings
Parameter
Absolute Limit
Max. Device Current (ID)
110 mA
Max. Device Voltage (VD)
5.5 V
Max. RF Input Power
+12 dBm
Max. Operating Dissipated
Power
0.61 W
Max. Junction Temp. (TJ)
+150°C
Operating Temp. Range (TL)
-40°C to +85°C
Max. Storage Temp.
+150°C
Operation of this device beyond any one of these limits may cause
permanent damage. For reliable continuous operation, the device
voltage and current must not exceed the maximum operating
values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD < (TJ - TL) / RTH, j-l
TL=TLEAD
Appropriate precautions in handling, packaging and testing
devices must be observed.
Reliability & Qualification Information
This product qualification report may be downloaded at
www.sirenza.com
Rating
Class 1C
MSL 1
Parameter
ESD Rating - Human Body Model (HBM)
Moisture Sensitivity Level
Typical Unit Performance. See page 5 for application circuit.
S ym bol
P aram eter
U nit
50
100
250
500
850
1000
S21
Sm all Signal G ain
dB
16.3
16.2
16.1
16
15.5
15.4
OIP3
O utput T hird O rder Intercept Point
dBm
39.8
39.2
36.8
35
32.7
31.6
OIP2
O utput Second O rder Intercept Point
dBm
58.7
59.2
57.2
50
44
42.5
P1dB
O utput Power at 1dB Com pression
dBm
18
18
18
18
17.5
17
S11
Input Return Loss
dB
21
28
32
32
26
24
S22
O utput Return Loss
dB
19
21
22
18
13
12
S12
Reverse Isolation
dB
19
19
19
19
19
19
N F
Noise Figure
dB
3.5
3.4
3.6
3.5
3.6
3.6
Frequency (MH z)
Test C onditions:
V CC = 5V
ID = 80m A Typ.
O IP3, OIP2 Tone Spacing = 6MHz, Pout per tone = 0 dBm
TL = 25°C
ZS = ZL = 75 Ohm s


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn