Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGB-1089Z Datasheet(PDF) 5 Page - SIRENZA MICRODEVICES

Part No. CGB-1089Z
Description  50 - 1000 MHz Single Ended InGaP/GaAs HBT MMIC CATV Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIRENZA [SIRENZA MICRODEVICES]
Homepage  
Logo SIRENZA - SIRENZA MICRODEVICES

CGB-1089Z Datasheet(HTML) 5 Page - SIRENZA MICRODEVICES

  CGB-1089Z Datasheet HTML 1Page - SIRENZA MICRODEVICES CGB-1089Z Datasheet HTML 2Page - SIRENZA MICRODEVICES CGB-1089Z Datasheet HTML 3Page - SIRENZA MICRODEVICES CGB-1089Z Datasheet HTML 4Page - SIRENZA MICRODEVICES CGB-1089Z Datasheet HTML 5Page - SIRENZA MICRODEVICES CGB-1089Z Datasheet HTML 6Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Broomfield, CO 80021
5
EDS-104857 Rev A
CGB-1089Z 50-1000 MHz Cascadable MMIC Amplifier
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
Preliminary
Application Schematic
Evaluation Board Layout
Application Circuit Element Values
Mounting Instructions
1. Solder the copper pad on the backside of the device package to
the ground plane.
2. Use a large ground pad area with many plated through-holes as
shown.
3. We recommend 1 or 2 ounce copper. Measurement for this
datasheet were made on a 60 mil thick GTEK board with 1
ounce copper on both sides.
Reference
Designator
Frequency (MHz)
50 to 1000
C
B1
1200pF
C
B2
220pF
L
C
1.5uH LS Coilcraft
L
S
2.7nH Toko
Lc
1uF
1200pF
Cb2
Cb1
Ls
Q1
Pin #
Function
Description
1
RF IN
RF input pin. This pin requires the use of
an external DC blocking capacitor chosen
for the frequency of operation.
2, 4
GND
Connection to ground. Use via holes for
best performance to reduce lead
inductance as close to ground leads as
possible
3
RF OUT/
BIAS
RF output and bias pin. DC voltage is
present on this pin, therefore a DC
blocking capacitor is necessary for proper
operation.
Package Marking
GB1Z
12
3
4
RF out
RF in
Vs
Lc
1200pF
1uF
Cb1
Cb2
CGB-1089
2
4
13
Ls
75
75
Part Number Ordering Information
Part Number
Reel Size
Devices / Reel
CGB-1089Z
7"
1000
Pin Description


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn