Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGA-6618 Datasheet(PDF) 2 Page - SIRENZA MICRODEVICES

Part No. CGA-6618
Description  Dual CATV 1 MHz to 1000 MHz High Linearity GaAs HBT Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIRENZA [SIRENZA MICRODEVICES]
Homepage  
Logo SIRENZA - SIRENZA MICRODEVICES

CGA-6618 Datasheet(HTML) 2 Page - SIRENZA MICRODEVICES

  CGA-6618 Datasheet HTML 1Page - SIRENZA MICRODEVICES CGA-6618 Datasheet HTML 2Page - SIRENZA MICRODEVICES CGA-6618 Datasheet HTML 3Page - SIRENZA MICRODEVICES CGA-6618 Datasheet HTML 4Page - SIRENZA MICRODEVICES CGA-6618 Datasheet HTML 5Page - SIRENZA MICRODEVICES CGA-6618 Datasheet HTML 6Page - SIRENZA MICRODEVICES CGA-6618 Datasheet HTML 7Page - SIRENZA MICRODEVICES CGA-6618 Datasheet HTML 8Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
CGA-6618 Dual GaAs HBT Amplifier
EDS-101994 Rev J
303 S. Technology Ct., Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
Absolute Maximum Ratings
Parameter
Absolute Limit
Operation of this device beyond any one of these limits may
cause permanent damage. For reliable continous operation,
the device voltage and current must not exceed the maximum
operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
I
DVD < (TJ - TL) / RTH, j-l
Max. Device Current (I
D)240 mA
Max. Device Voltage (V
D)7 V
Max. RF Input Power
+20 dBm
Max. Junction Temp. (T
J)
+150°C
Operating Temp. Range (T
L)
-40°C to +85°C
Max. Storage Temp.
+150°C
Gain vs. Frequency
10
11
12
13
14
15
16
17
18
0
100
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
-40C
+25C
+85C
Typical RF Performance: V
S=8V, ID=160mA @ TL=+25°C, RBIAS=33 Ohms, Push-Pull Config.
75 Ohm Push Pull S-parameters are available for download at www.sirenza.com
|S11| (dB) vs. Frequency
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0
100
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
-40C
+25C
+85C
|S22| (dB) vs. Frequency
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0
100
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
-40C
+25C
+85C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn