Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGA-6618 Datasheet(PDF) 5 Page - SIRENZA MICRODEVICES

Part No. CGA-6618
Description  Dual CATV 1 MHz to 1000 MHz High Linearity GaAs HBT Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIRENZA [SIRENZA MICRODEVICES]
Homepage  
Logo SIRENZA - SIRENZA MICRODEVICES

CGA-6618 Datasheet(HTML) 5 Page - SIRENZA MICRODEVICES

  CGA-6618 Datasheet HTML 1Page - SIRENZA MICRODEVICES CGA-6618 Datasheet HTML 2Page - SIRENZA MICRODEVICES CGA-6618 Datasheet HTML 3Page - SIRENZA MICRODEVICES CGA-6618 Datasheet HTML 4Page - SIRENZA MICRODEVICES CGA-6618 Datasheet HTML 5Page - SIRENZA MICRODEVICES CGA-6618 Datasheet HTML 6Page - SIRENZA MICRODEVICES CGA-6618 Datasheet HTML 7Page - SIRENZA MICRODEVICES CGA-6618 Datasheet HTML 8Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
CGA-6618 Dual GaAs HBT Amplifier
EDS-101994 Rev J
303 S. Technology Ct., Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
Gain & Isolation vs. Frequency
0
2
4
6
8
10
12
14
16
18
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
-36
-32
-28
-24
-20
-16
-12
-8
-4
0
Gain (dB)
Isolation (dB)
|S11| & |S22| vs. Frequency
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
|S11|
|S22|
Typical RF Performance - Single Ended - 50 Ohm System
V
S=8V,
I
D=80mA (one amp biased), TL=+25°C,
R
BIAS=33 Ohms
Gain & Isolation vs. Frequency
0
2
4
6
8
10
12
14
16
18
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
-36
-32
-28
-24
-20
-16
-12
-8
-4
0
Gain (dB)
Isolation (dB)
Typical RF Performance - Single Ended - 37.5 Ohm System
V
S=8V,
I
D=80mA (one amp biased), TL=+25°C,
R
BIAS=33 Ohms
|S11| & |S22| vs. Frequency
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
|S11|
|S22|
50 Ohm and 37.5 Ohm Single Ended S-parameter files are available for download at
www.sirenza.com


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn