Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYM26B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYM26B
Description  Fast soft-recovery controlled avalanche rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM26B Datasheet(HTML) 3 Page - NXP Semiconductors

  BYM26B Datasheet HTML 1Page - NXP Semiconductors BYM26B Datasheet HTML 2Page - NXP Semiconductors BYM26B Datasheet HTML 3Page - NXP Semiconductors BYM26B Datasheet HTML 4Page - NXP Semiconductors BYM26B Datasheet HTML 5Page - NXP Semiconductors BYM26B Datasheet HTML 6Page - NXP Semiconductors BYM26B Datasheet HTML 7Page - NXP Semiconductors BYM26B Datasheet HTML 8Page - NXP Semiconductors BYM26B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1996 May 24
3
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYM26 series
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
IFRM
repetitive peak forward current
Ttp =55 °C; see Figs 6 and 7
BYM26A to E
19
A
BYM26F and G
21
A
IFRM
repetitive peak forward current
Tamb =65 °C; see Figs 8 and 9
BYM26A to E
8.0
A
BYM26F and G
8.5
A
IFSM
non-repetitive peak forward current
t = 10 ms half sine wave; Tj =Tj max
prior to surge; VR =VRRMmax
45
A
ERSM
non-repetitive peak reverse
avalanche energy
L = 120 mH; Tj =Tj max prior to surge;
inductive load switched off
10
mJ
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
see Figs 12 and 13
−65
+175
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF = 2 A; Tj =Tj max;
see Figs 14 and 15
BYM26A to E
−−
1.34
V
BYM26F and G
−−
1.34
V
VF
forward voltage
IF =2A;
see Figs 14 and 15
BYM26A to E
−−
2.65
V
BYM26F and G
−−
2.30
V
V(BR)R
reverse avalanche breakdown
voltage
IR = 0.1 mA
BYM26A
300
−−
V
BYM26B
500
−−
V
BYM26C
700
−−
V
BYM26D
900
−−
V
BYM26E
1100
−−
V
BYM26F
1300
−−
V
BYM26G
1500
−−
V
IR
reverse current
VR =VRRMmax;
see Fig.16
−−
10
µA
VR =VRRMmax;
Tj = 165 °C; see Fig.16
−−
150
µA
trr
reverse recovery time
when switched from
IF = 0.5 A to IR =1A;
measured at IR = 0.25 A;
see Fig.20
BYM26A to C
−−
30
ns
BYM26D and E
−−
75
ns
BYM26F and G
−−
150
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT


Similar Part No. - BYM26B

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYM26B BILIN-BYM26B Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
logo
Shenzhen Luguang Electr...
BYM26B LUGUANG-BYM26B Datasheet
163Kb / 2P
   Super Fast Rectifiers
logo
SUNMATE electronic Co.,...
BYM26B SUNMATE-BYM26B Datasheet
354Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
Thinki Semiconductor Co...
BYM26B THINKISEMI-BYM26B Datasheet
3Mb / 2P
   2.3 Amperes Glass Passivated Ultra Fast Recovery Rectifier Diode
logo
Gulf Semiconductor
BYM26BGP GULFSEMI-BYM26BGP Datasheet
79Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?00V to 1000V CURRENT: 2.3A
More results

Similar Description - BYM26B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
New Jersey Semi-Conduct...
BYW95 NJSEMI-BYW95 Datasheet
141Kb / 2P
   Fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
BYD53 PHILIPS-BYD53 Datasheet
81Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 04
BYM36 PHILIPS-BYM36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com