Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP346 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP346
Description  Overvoltage Protection IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP346 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP346 Datasheet HTML 1Page - ON Semiconductor NCP346 Datasheet HTML 2Page - ON Semiconductor NCP346 Datasheet HTML 3Page - ON Semiconductor NCP346 Datasheet HTML 4Page - ON Semiconductor NCP346 Datasheet HTML 5Page - ON Semiconductor NCP346 Datasheet HTML 6Page - ON Semiconductor NCP346 Datasheet HTML 7Page - ON Semiconductor NCP346 Datasheet HTML 8Page - ON Semiconductor NCP346 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NCP346
http://onsemi.com
2
Figure 2. Detailed Block Diagram
+
CNTRL
(3)
OUT
(1)
GND
(2)
LOGIC
BLOCK
DRIVER
Pre−regulator
VCC
(5)
IN
(4)
ON/OFF
OUT
V5
R1
R2
COMP
Bandgap
Reference
VCC
VCC
PIN FUNCTION DESCRIPTIONS
Pin #
Symbol
Pin Description
1
OUT
This signal drives the gate of a P−channel MOSFET. It is controlled by the voltage level on IN or the logic state of
the CNTRL input. When an overvoltage event is detected, the OUT pin is driven to within 1.0 V of VCC in less
than 1.0
msec provided that gate and stray capacitance is less than 12 nF.
2
GND
Circuit Ground
3
CNTRL
This logic signal is used to control the state of OUT and turn−on/off the P−channel MOSFET. A logic High results
in the OUT signal being driven to within 1.0 V of VCC which disconnects the FET. The input is tied Low via an
internal 50 k
W pull−down resistor. It is recommended that the input be connected to GND if it is not used.
4
IN
This pin senses an external voltage point. If the voltage on this input rises above the overvoltage threshold (Vth),
the OUT pin will be driven to within 1.0 V of VCC, thus disconnecting the FET. The nominal threshold level can be
increased with the addition of an external resistor divider between IN, VCC, and GND.
5
VCC
Positive Voltage supply. OUT is guaranteed to be in low state (MOSFET ON) as long as VCC remains above
2.5 V, and below the overvoltage threshold.
TRUTH TABLE
IN
CNTRL
OUT
<Vth
L
GND
<Vth
H
VCC
>Vth
L
VCC
>Vth
H
VCC


Similar Part No. - NCP346

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP346 ONSEMI-NCP346 Datasheet
386Kb / 15P
   Overvoltage Protection IC
December, 2004 ??Rev. 4
NCP346 ONSEMI-NCP346 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
NCP346SN1T1G ONSEMI-NCP346SN1T1G Datasheet
386Kb / 15P
   Overvoltage Protection IC
December, 2004 ??Rev. 4
NCP346SN2T1G ONSEMI-NCP346SN2T1G Datasheet
386Kb / 15P
   Overvoltage Protection IC
December, 2004 ??Rev. 4
More results

Similar Description - NCP346

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP345 ONSEMI-NCP345 Datasheet
57Kb / 8P
   Overvoltage Protection IC
December, 2004 ??Rev. 5
NCP346 ONSEMI-NCP346 Datasheet
386Kb / 15P
   Overvoltage Protection IC
December, 2004 ??Rev. 4
NCP345 ONSEMI-NCP345_06 Datasheet
66Kb / 8P
   Overvoltage Protection IC
March, 2006 ??Rev. 6
logo
Texas Instruments
BQ24314EVM TI1-BQ24314EVM Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
logo
ON Semiconductor
NUS1204MN ONSEMI-NUS1204MN Datasheet
59Kb / 5P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
NUS2045MN ONSEMI-NUS2045MN Datasheet
129Kb / 12P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 4
NUS3046MN ONSEMI-NUS3046MN Datasheet
138Kb / 7P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
logo
Kinetic Technologies.
KTS1650B KINETIC-KTS1650B Datasheet
134Kb / 2P
   4.5 Amp Overvoltage Protection IC with Surge Protection
April 2019 - Revision 04a
logo
Texas Instruments
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com