Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBSG86AMNR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NBSG86AMNR2G
Description  2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG86AMNR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NBSG86AMNR2G Datasheet HTML 2Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 3Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 4Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 5Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 6Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 7Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 8Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 9Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NBSG86A
http://onsemi.com
6
Table 10. DC CHARACTERISTICS, INPUT WITH PECL OUTPUT VCC = 2.5 V; VEE = 0 V (Note 10)
Symbol
Characteristic
−40
°C
25
°C
70
°C(BGA)/85°C(QFN)**
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Negative Power Supply Current
23
30
39
23
30
39
23
30
39
mA
VOH
Output HIGH Voltage (Note 11)
1460
1510
1560
1490
1540
1590
1515
1565
1615
mV
VOL
Output LOW Voltage (Note 11)
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
(OLS = VCC − 1.2 V)
(OLS = VEE)
555
1235
775
1455
1005
705
1295
895
1505
1095
855
1385
1015
1585
1215
595
1270
810
1490
1040
745
1330
930
1540
1130
895
1420
1050
1620
1250
625
1295
840
1510
1065
775
1355
960
1560
1155
925
1445
1080
1640
1275
mV
VOUTPP
Output Voltage Amplitude
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
(OLS = VCC − 1.2 V)
(OLS = VEE)
670
125
510
0
325
800
215
615
5
415
660
120
505
0
320
795
210
610
0
410
655
120
500
0
320
790
210
605
5
410
mV
VIH
Input HIGH Voltage (Single−Ended)
(Note 13)
D, D
VEE +
1275
VCC
1000*
VCC
VEE +
1275
VCC
1000*
VCC
VEE +
1275
VCC
1000*
VCC
mV
VIL
Input LOW Voltage (Single−Ended)
(Note 14)
D, D
VEE
VCC
1400*
VIH
150
VEE
VCC
1400*
VIH
150
VEE
VCC
1400*
VIH
150
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 12)
1.2
2.5
1.2
2.5
1.2
2.5
V
RTIN
Internal Input Termination Resistor
45
50
55
45
50
55
45
50
55
W
IIH
Input HIGH Current (@VIH)
D, D
SEL
30
5
100
50
30
5
100
50
30
5
100
50
mA
IIL
Input LOW Current (@VIL)
D, D
SEL
20
5
100
50
20
5
100
50
20
5
100
50
mA
NOTE: GigaComm circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
10. Input and output parameters vary 1:1 with VCC. VEE can vary +0.125 V to −0.965 V.
11. All loading with 50
W to VCC − 2.0 V.
12. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
13. VIH cannot exceed VCC.
14. VIL always w VEE.
*Typicals used for testing purposes.
**The device packaged in FCBGA−16 have maximum ambient temperature specification of 70
°C and devices packaged in QFN−16 have
maximum ambient temperature specification of 85
°C.


Similar Part No. - NBSG86AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG86AMNR2G ONSEMI-NBSG86AMNR2G Datasheet
137Kb / 17P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
June, 2014 ??Rev. 19
NBSG86AMNR2G ONSEMI-NBSG86AMNR2G Datasheet
137Kb / 17P
   SiGe Differential Smart Gate with Output Level Select
January, 2018 ??Rev. 20
More results

Similar Description - NBSG86AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG86ABA ONSEMI-NBSG86ABA Datasheet
113Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
May, 2004 ??Rev. 8
NBSG86A ONSEMI-NBSG86A_14 Datasheet
137Kb / 17P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
June, 2014 ??Rev. 19
NBSG86A ONSEMI-NBSG86A_18 Datasheet
137Kb / 17P
   SiGe Differential Smart Gate with Output Level Select
January, 2018 ??Rev. 20
NB7L86A ONSEMI-NB7L86A Datasheet
395Kb / 18P
   2.5 V/3.3 V SiGe Differential Smart Gate with Output Level Select
December, 2019 ??Rev. 0
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com