Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBSG53AMNR2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NBSG53AMNR2
Description  2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG53AMNR2 Datasheet(HTML) 3 Page - ON Semiconductor

  NBSG53AMNR2 Datasheet HTML 1Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 2Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 3Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 4Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 5Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 6Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 7Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 8Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NBSG53A
http://onsemi.com
3
Figure 3. Simplified Logic Diagram
D
D
SEL
CLK
CLK
VTD
VCC
Q
Q
Flip−Flop
(DIV/2)
Flip−Flop
(DFF)
R
D
D
VTD
OLS
R
Q
Q
VEE
VTCLK
VTCLK
R
75 k
W
75 k
W
50
W
50
W
50
W
50
W
0
1
2
2
2
2
2
2
2
Table 2. OUTPUT LEVEL SELECT (OLS)
OLS
Q/Q VPP
OLS Sensitivity
VCC
800 mV
OLS − 75 mV
VCC − 0.4 V
200 mV
OLS
$ 150 mV
VCC − 0.8 V
600 mV
OLS
$ 100 mV
VCC − 1.2 V
0
OLS
$ 75 mV
VEE (Note 4)
400 mV
OLS + 100 mV
Float
600 mV
N/A
4. When an output level of 400 mV is desired and
VCC − VEE > 3.0 V, 2.0 kW resistor should be connected from
OLS to VEE.
Table 3. TRUTH TABLE
R
SEL
D
CLK
Q
Function
H
x
x
x
L
Reset
L
H
L
Z
L
DFF
L
H
H
Z
H
DFF
L
L
x
Z
Q
DIV/2
Z = LOW to HIGH Transition
Table 4. INTERFACING OPTIONS
INTERFACING OPTIONS
CONNECTIONS
CML
Connect VTCLK, VTD and VTCLK, VTD to VCC
LVDS
Connect VTCLK, VTD and VTCLK, VTD Together
AC−COUPLED
Bias VTCLK, VTD and VTCLK, VTD Inputs within Common Mode Range (VIHCMR)
RSECL, PECL, NECL
Standard ECL Termination Techniques
LVTTL, LVCMOS
An External Voltage (VTHR) should be Applied to the Unused Complementary Differential Input. Nominal
VTHR is 1.5 V for LVTTL and VCC/2 for LVCMOS Inputs. This Voltage must be within the VTHR Specification.


Similar Part No. - NBSG53AMNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG53AMNR2 ONSEMI-NBSG53AMNR2 Datasheet
133Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
March, 2004 ??Rev. 5
NBSG53AMNR2G ONSEMI-NBSG53AMNR2G Datasheet
167Kb / 17P
   2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
June, 2014 ??Rev. 15
More results

Similar Description - NBSG53AMNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG53A ONSEMI-NBSG53A Datasheet
133Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
March, 2004 ??Rev. 5
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC100LVEL29 ONSEMI-MC100LVEL29_06 Datasheet
120Kb / 6P
   3.3V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
November, 2006 ??Rev. 5
MC10EP29 ONSEMI-MC10EP29_06 Datasheet
173Kb / 11P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
December, 2006 ??Rev. 4
NBSG53A ONSEMI-NBSG53A_14 Datasheet
167Kb / 17P
   2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
June, 2014 ??Rev. 15
MC10EP52 ONSEMI-MC10EP52_06 Datasheet
162Kb / 12P
   3.3V / 5V ECL Differential Data and Clock D Flip?묯lop
December, 2006 ??Rev. 6
MC100EL29 ONSEMI-MC100EL29_06 Datasheet
116Kb / 6P
   5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
October, 2006 ??Rev. 4
NLSF1174 ONSEMI-NLSF1174_06 Datasheet
82Kb / 6P
   Hex D Flip?묯lop with Common Clock and Reset
May, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_08 Datasheet
64Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com