Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB081A Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT45DB081A
Description  8-megabit 2.7-volt Only Serial DataFlash
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB081A Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT45DB081A Datasheet HTML 20Page - ATMEL Corporation AT45DB081A Datasheet HTML 21Page - ATMEL Corporation AT45DB081A Datasheet HTML 22Page - ATMEL Corporation AT45DB081A Datasheet HTML 23Page - ATMEL Corporation AT45DB081A Datasheet HTML 24Page - ATMEL Corporation AT45DB081A Datasheet HTML 25Page - ATMEL Corporation AT45DB081A Datasheet HTML 26Page - ATMEL Corporation AT45DB081A Datasheet HTML 27Page - ATMEL Corporation AT45DB081A Datasheet HTML 28Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AT45DB081A
26
Ordering Information
f
SCK
(MHz)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
13
10
0.01
AT45DB081A-JC
AT45DB081A-RC
AT45DB081A-TC
AT45DB081A-CC
32J
28R
28T
20C1
Commercial
(0
°C to 70°C)
13
10
0.01
AT45DB081A-JI
AT45DB081A-RI
AT45DB081A-TI
AT45DB081A-CI
32J
28R
28T
20C1
Industrial
(-40
°C to 85°C)
Package Type
32J
32-lead, Plastic J-leaded Chip Carrier Package (PLCC)
28R
28-lead, 0.330" Wide, Plastic Gull Wing Small Outline Package (SOIC)
28T
28-lead, Plastic Thin Small Outline Package (TSOP)
20C1
20-ball, 3 x 7 Array Plastic Chip-scale Ball Grid Array (CGBA)


Similar Part No. - AT45DB081A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB081A ATMEL-AT45DB081A_14 Datasheet
440Kb / 28P
   Optional Page and Block Erase Operations
More results

Similar Description - AT45DB081A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB081 ATMEL-AT45DB081 Datasheet
115Kb / 16P
   8-Megabit 2.7-volt Only Serial DataFlash
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
   2-Megabit 2.7-volt Only Serial DataFlash
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
   32-Megabit 2.7-volt Only Serial DataFlash
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
   1-Megabit 2.7-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161_01 Datasheet
318Kb / 21P
   16-megabit 2.7-volt Only Serial DataFlash
AT45DB021A ATMEL-AT45DB021A Datasheet
395Kb / 28P
   2-megabit 2.7-volt Only Serial DataFlash
AT45DB041 ATMEL-AT45DB041 Datasheet
209Kb / 18P
   4-Megabit 2.7-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161 Datasheet
224Kb / 20P
   16-Megabit 2.7-volt Only Serial DataFlash
AT45DB011 ATMEL-AT45DB011_01 Datasheet
253Kb / 20P
   1-megabit 2.7-volt Only Serial DataFlash
AT26DF081A ATMEL-AT26DF081A_07 Datasheet
661Kb / 40P
   8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com