Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNC352 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SNC352
Description  Direct Drive Voice/Dual Tone Melody Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC352 Datasheet(HTML) 3 Page - SONiX Technology Company

  SNC352_05 Datasheet HTML 1Page - SONiX Technology Company SNC352_05 Datasheet HTML 2Page - SONiX Technology Company SNC352_05 Datasheet HTML 3Page - SONiX Technology Company SNC352_05 Datasheet HTML 4Page - SONiX Technology Company SNC352_05 Datasheet HTML 5Page - SONiX Technology Company SNC352_05 Datasheet HTML 6Page - SONiX Technology Company SNC352_05 Datasheet HTML 7Page - SONiX Technology Company SNC352_05 Datasheet HTML 8Page - SONiX Technology Company SNC352_05 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SNC352
Direct Drive Voice/Dual Tone Melody Controller
5 FUNCTION DESCRIPTIONS
5.1. Oscillator
SNC352 accept RC type oscillator for system clock. The typical circuit diagram for
oscillator is listed as follow.
OSC
VCC
RC Oscillator
5.2. ROM
SNC352 contains substantial 64K words (10-bit) internal ROM. Program, voices and
other data are shared with this same 64K words ROM.
5.3. RAM
SNC352 contains 128 nibbles RAM. The 128 nibbles RAM are divided into eight
pages (page 0 to page 7, 16 nibbles RAM on each page).
In our programming
structure, users can easily define and locate RAM page in the program. For instance,
users can use the instructions, PAGEn (n=0 to 7) to switch and indicate the RAM page.
Besides, users can use direct mode, M0 ~ M15 in the data transfer type instructions, to
access all 16 nibbles of each page.
5.4. Power Down Mode
“End” instruction will power down SNC352 and enable IC to consume fewer current for
power saving. (<3uA @VDD=3V and <5uA @VDD=5V) Please be aware that when
the power down mode is activated in SNC352, any valid data transition (L H or H L)
occurring on any input port (P1) or IO ports (P2 and P3) will lead SNC352 back to
normal operation mode.
5.5. Sampling Rate Counter
The unique sampling rate counter is designed in voice channel to be able to play
diverse voices at different sample playing rates. The playing rate can be adaptively
set up among from the wide ranges of 2.5KHz to 20KHz. This feature makes voice
close to its original source and yield the better voice quality.
Ver: 1.4
June 8, 2005
3


Similar Part No. - SNC352_05

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC352 SONIX-SNC352 Datasheet
402Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller?
More results

Similar Description - SNC352_05

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC323 SONIX-SNC323 Datasheet
422Kb / 12P
   Direct Drive Voice/Dual Tone Melody Controller?
SNC384 SONIX-SNC384 Datasheet
405Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller?
SNC385 SONIX-SNC385_05 Datasheet
402Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller
SNC313 SONIX-SNC313 Datasheet
421Kb / 12P
   Direct Drive Voice/Dual Tone Melody Controller?
SNC322 SONIX-SNC322 Datasheet
403Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller?
SNC333 SONIX-SNC333 Datasheet
422Kb / 12P
   Direct Drive Voice/Dual Tone Melody Controller?
SNC362 SONIX-SNC362 Datasheet
402Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller?
SNC323 SONIX-SNC323_05 Datasheet
400Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller
SNC342 SONIX-SNC342_05 Datasheet
397Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller
SNC362 SONIX-SNC362_05 Datasheet
397Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller
SNC332 SONIX-SNC332_05 Datasheet
397Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com