Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYG70 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYG70
Description  Fast soft-recovery controlled avalanche rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYG70 Datasheet(HTML) 3 Page - NXP Semiconductors

  BYG70 Datasheet HTML 1Page - NXP Semiconductors BYG70 Datasheet HTML 2Page - NXP Semiconductors BYG70 Datasheet HTML 3Page - NXP Semiconductors BYG70 Datasheet HTML 4Page - NXP Semiconductors BYG70 Datasheet HTML 5Page - NXP Semiconductors BYG70 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1996 Jun 05
3
Philips Semiconductors
Preliminary specification
Fast soft-recovery
controlled avalanche rectifiers
BYG70 series
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Notes
1. Device mounted on Al2O3 printed-circuit board, 0.7 mm thick; thickness of copper ≥35 µm, see Fig.7.
2. Device mounted on epoxy-glass printed-circuit board, 1.5 mm thick; thickness of copper
≥40 µm, see Fig.7.
For more information please refer to the
“General Part of associated Handbook”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF =1A; Tj =Tj max; see Fig.5
−−
2.1
V
IF = 1 A; see Fig.5
−−
3.6
V
V(BR)R
reverse avalanche
breakdown voltage
IR = 0.1 mA
BYG70D
300
−−
V
BYG70G
500
−−
V
BYG70J
700
−−
V
IR
reverse current
VR =VRRMmax;
see Fig.6
−−
5
µA
VR =VRRMmax; Tj = 165 °C;
see Fig.6
−−
100
µA
trr
reverse recovery time
when switched from IF = 0.5 A to
IR = 1 A; measured at IR = 0.25 A;
see Fig.8
−−
30
ns
Cd
diode capacitance
VR = 0 V; f = 1 MHz
30
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
25
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
100
K/W
note 2
150
K/W


Similar Part No. - BYG70

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG10 VISHAY-BYG10 Datasheet
59Kb / 5P
   Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
logo
DAESAN ELECTRONIC CORP.
BYG10A DAESAN-BYG10A Datasheet
211Kb / 2P
   STANDARD RECTIFIER
BYG10B DAESAN-BYG10B Datasheet
211Kb / 2P
   STANDARD RECTIFIER
logo
Vishay Siliconix
BYG10D VISHAY-BYG10D Datasheet
91Kb / 5P
   Standard Avalanche SMD Rectifier
02-Oct-12
BYG10D VISHAY-BYG10D Datasheet
106Kb / 5P
   Standard Avalanche SMD Rectifier
01-Jan-2022
More results

Similar Description - BYG70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
New Jersey Semi-Conduct...
BYW95 NJSEMI-BYW95 Datasheet
141Kb / 2P
   Fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
BYD53 PHILIPS-BYD53 Datasheet
81Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 04
BYM26 PHILIPS-BYM26 Datasheet
70Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 May 24
BYM36 PHILIPS-BYM36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com