Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8986 Datasheet(PDF) 48 Page - Wolfson Microelectronics plc

Part # WM8986
Description  Multimedia DAC With Class D Headphone and Line Out
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8986 Datasheet(HTML) 48 Page - Wolfson Microelectronics plc

Back Button WM8986_07 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8986_07 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8986_07 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8986_07 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8986_07 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8986_07 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8986_07 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8986_07 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8986_07 Datasheet HTML 52Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 87 page
background image
WM8986
Pre-Production
w
PP, Rev 3.1, February 2007
48
ENABLING THE OUTPUTS
Each analogue output of the WM8986 can be independently enabled or disabled. The analogue
mixer associated with each output has a separate enable bit. All outputs are disabled by default. To
save power, unused parts of the WM8986 should remain disabled.
Outputs can be enabled at any time, but it is not recommended to do so when BUFIO is disabled
(BUFIOEN=0), as this may cause pop noise (see “Power Management” and “Applications
Information” sections).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2
BUFIOEN
0
Unused input/output bias buffer enable
6
OUT3MIXEN
0
OUT3 mixer enable
R1 (01h)
Power
Management
1
7
OUT4MIXEN
0
OUT4 mixer enable
8
ROUT1EN
0
ROUT1 output enable
7
LOUT1EN
0
LOUT1 output enable
R2 (02h)
Power
Management
2
6
SLEEP
0
0 = Normal device operation
1 = Supply current reduced in device
standby mode when clock supplied
2
LMIXEN
0
Left mixer enable
3
RMIXEN
0
Right mixer enable
5
LOUT2EN
0
LOUT2 output enable
6
ROUT2EN
0
ROUT2 output enable
7
OUT3EN
0
OUT3 enable
R3 (03h)
Power
Management
3
8
OUT4EN
0
OUT4 enable
Note:
All “Enable” bits are 1 = ON, 0 = OFF
Table 28 Output Stages Power Management Control
THERMAL SHUTDOWN
To protect the WM8986 from becoming too hot, a thermal sensor has been built in. If the device
junction temperature reaches approximately 125
°C and the TSDEN and TSOPCTRL bit are set, then
all outputs will be disabled to avoid further increase of the chip temperature.
Additionally, when the device is too hot and TSDEN is set, then the WM8986 de-asserts GPIO bit 11,
a virtual GPIO that can be set up to generate an interrupt to the CPU (see “GPIO and Interrupt
Control” section).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1
TSDEN
0
Thermal Sensor Enable
0 = disabled
1 = enabled
R49 (31h)
Output Control
2
TSOPCTRL
0
Thermal Shutdown Output enable
0 = Disabled
1 = Enabled, i.e. all outputs will be
disabled if TI set and the device junction
temperature is more than 125ºC.
Table 29 Thermal Shutdown
UNUSED ANALOGUE INPUTS/OUTPUTS
Whenever an analogue input/output is disabled, it remains connected to a voltage source (AVDD1/2)
through a resistor. This helps to prevent pop noise when the output is re-enabled. The resistance
between the voltage buffer and the output pins can be controlled using the VROI control bit. The
default impedance is low, so that any capacitors on the outputs can charge up quickly at start-up. If a
high impedance is desired for disabled outputs, VROI can then be set to 1, increasing the resistance
to about 30k
Ω.


Similar Part No. - WM8986_07

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8980 WOLFSON-WM8980 Datasheet
963Kb / 81P
   STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
WM8980CGEFL/RV WOLFSON-WM8980CGEFL/RV Datasheet
1Mb / 123P
   Stereo CODEC with Speaker Driver and Video Buffer
WM8980CGEFL/V WOLFSON-WM8980CGEFL/V Datasheet
1Mb / 123P
   Stereo CODEC with Speaker Driver and Video Buffer
WM8980GEFL/RV WOLFSON-WM8980GEFL/RV Datasheet
963Kb / 81P
   STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
WM8980GEFL/V WOLFSON-WM8980GEFL/V Datasheet
963Kb / 81P
   STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
More results

Similar Description - WM8986_07

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8985 WOLFSON-WM8985_09 Datasheet
1Mb / 121P
   Multimedia CODEC with Class D Headphone and Line Out
WM8985 WOLFSON-WM8985 Datasheet
1Mb / 118P
   Multimedia CODEC With Class D Headphone and Line Out
WM8985 WOLFSON-WM8985_07 Datasheet
1Mb / 118P
   Multimedia CODEC With Class D Headphone and Line Out
WM8758 WOLFSON-WM8758 Datasheet
1Mb / 90P
   Stereo CODEC with Headphone Driver and Line Out
WM8758B WOLFSON-WM8758B Datasheet
1Mb / 90P
   Stereo CODEC with Headphone Driver and Line Out
WM8959 WOLFSON-WM8959 Datasheet
2Mb / 155P
   Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
WM8956 WOLFSON-WM8956_11 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_06 Datasheet
75Kb / 2P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_07 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
logo
Realtek Semiconductor C...
ALC5626 REALTEK-ALC5626 Datasheet
931Kb / 55P
   I2S AUDIO DAC HEADPHONE AND STEREO CLASS-AB/D SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com