Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1421 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A1421
Description  High Precision Hall Effect AC-Coupled Differential Sensor with Integrated Filter Capacitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1421 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1421_05 Datasheet HTML 1Page - Allegro MicroSystems A1421_05 Datasheet HTML 2Page - Allegro MicroSystems A1421_05 Datasheet HTML 3Page - Allegro MicroSystems A1421_05 Datasheet HTML 4Page - Allegro MicroSystems A1421_05 Datasheet HTML 5Page - Allegro MicroSystems A1421_05 Datasheet HTML 6Page - Allegro MicroSystems A1421_05 Datasheet HTML 7Page - Allegro MicroSystems A1421_05 Datasheet HTML 8Page - Allegro MicroSystems A1421_05 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
A1421-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
High Precision Hall Effect AC-Coupled Differential Sensor with Integrated Filter Capacitor
A1421, A1422, A1423
OPERATING CHARACTERISTICS Valid at TA = – 40ºC to 150ºC, TJ ≤ 165°C; over operational air gap range and VCC within
operating range, unless otherwise noted. Typical operating parameters: VCC=12 V and TA=25°C.
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS
Supply Voltage
VCC
Operating; TJ < TJ(max)
4.0
12
26.5
V
Supply Current
ICC
4.2
7.0
mA
Output Saturation Voltage
VOUT(SAT) ISINK = 20 mA
140
400
mV
Output Leakage Current
IOFF
VOUT = 24 V, Bdiff = 0
5
μA
PROTECTION COMPONENT CHARACTERISTICS
Reverse Supply Current
IRCC
VCC = –18 V
–1
mA
Supply Zener Current
IZSupply VS = 28 V
10
mA
Supply Zener Clamp Voltage1
VZSupply ICC = 10 mA, TA = 25°C
28
33
37
V
Output Zener Current
IZOutput VOUT = 28 V
3
mA
Output Zener Clamp Voltage
VZOutput IOUT = 3 mA, TA = 25°C
28
V
Output Short Circuit Current Limit
IOUTS(lim)
50
mA
RESPONSE CHARACTERISTICS
Power-On State
POS
t < tResponse
High
V
Power-On Time2,6
tPO
VCC > VCC(min)
4.5
9
ms
Settling Time3,6
tSettling
fBdiff ≥ 100 Hz
0
50
ms
Response Time6
tResponse Equal to tPO + tSettling; fBdiff ≥ 100 Hz
4.5
59
ms
Upper Corner Frequency
fCU
–3 dB, single pole
20
kHz
Lower Corner Frequency
fCL
–3 dB, single pole
20
Hz
OUTPUT CHARACTERISTICS
Output Rise Time4
tr
RPU = 1 kΩ, COUTC2 = 10 pF
200
ns
Output Fall Time
tf
RPU = 1 kΩ, ISINK = 20 mA, COUTC2 = 10 pF
200
ns
Continued on next page.


Similar Part No. - A1421_05

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1421LK ALLEGRO-A1421LK Datasheet
1Mb / 15P
   High Accuracy Analog Speed Sensor with Integrated Filter Capacitor
A1421LK-T ALLEGRO-A1421LK-T Datasheet
1Mb / 15P
   High Precision Hall Effect AC-Coupled Differential Sensor IC
A1421 ALLEGRO-A1421_16 Datasheet
1Mb / 15P
   High Precision Hall Effect AC-Coupled Differential Sensor IC
More results

Similar Description - A1421_05

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1421 ALLEGRO-A1421_16 Datasheet
1Mb / 15P
   High Precision Hall Effect AC-Coupled Differential Sensor IC
A1421 ALLEGRO-A1421 Datasheet
1Mb / 15P
   High Precision Hall Effect AC-Coupled Differential Sensor IC
A17201 ALLEGRO-A17201 Datasheet
705Kb / 12P
   Two-Wire AC-Coupled Differential Sensor IC with Integrated Filter Capacitor
A3064 ALLEGRO-A3064 Datasheet
143Kb / 8P
   HALL-EFFECT GEAR-TOOTH SENSOR -AC COUPLED
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1356 ALLEGRO-A1356 Datasheet
451Kb / 20P
   High Precision Linear Hall-Effect Sensor
logo
Micronas
HAL300 MICRONAS-HAL300 Datasheet
140Kb / 17P
   Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4927C INFINEON-TLE4927C Datasheet
163Kb / 5P
   Dynamic Differential Hall Effect Sensor
Version 1.1
logo
List of Unclassifed Man...
HAL320 ETC-HAL320 Datasheet
143Kb / 13P
   Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4924C-2E6547 INFINEON-TLE4924C-2E6547 Datasheet
150Kb / 7P
   Dynamic Differential Hall Effect Sensor
November 2009 Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com