Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1391 Datasheet(PDF) 14 Page - Allegro MicroSystems

Part # A1391
Description  Micro Power 3 V Linear Hall Effect Sensors withTri-State Output and User-Selectable Sleep Mode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1391 Datasheet(HTML) 14 Page - Allegro MicroSystems

Back Button A1391 Datasheet HTML 7Page - Allegro MicroSystems A1391 Datasheet HTML 8Page - Allegro MicroSystems A1391 Datasheet HTML 9Page - Allegro MicroSystems A1391 Datasheet HTML 10Page - Allegro MicroSystems A1391 Datasheet HTML 11Page - Allegro MicroSystems A1391 Datasheet HTML 12Page - Allegro MicroSystems A1391 Datasheet HTML 13Page - Allegro MicroSystems A1391 Datasheet HTML 14Page - Allegro MicroSystems A1391 Datasheet HTML 15Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Micro Power 3 V Linear Hall Effect Sensor ICs
with Tri-State Output and User Selectable Sleep Mode
A1391, A1392,
A1393, and A1395
14
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Application Circuit with Multiple Hall Devices and a Single A-to-D Converter
Multiple A139x devices can be connected to a single micro-
processor or A-to-D converter input. In this case, a single
device is periodically triggered and put into active mode by
the microprocessor. While one A139x device is in active
mode, all of the other A139x devices must remain in sleep
mode. While these devices are in sleep mode, their outputs
are in a high-impedance state. In this circuit configuration,
the microprocessor reads the output of one device at a time,
according to microprocessor input to the S¯¯L¯¯E¯¯E¯¯P¯ pins.
When multiple device outputs are connected to the same
microprocessor input, pulse timing from the microproces-
sor (for example, lines A1 through A4 in figure 6) must be
configured to prevent more than one device from being in the
awake mode at any given time of the application. A device
output structure can be damaged when its output voltage is
forced above the device supply voltage by more than 0.1 V.
Figure 6. Application circuit showing multiple A139x devices, controlled by a single microprocessor.
Cbypass
VCC
OUT
GND
GND
SLEEP
VREF
Vbat2
A139x
Vbat2
Vbat2
Vbat2
A1
A2
A3
A4
Supply pin
Microprocessor
I/O
Vbat1
A1
A2
A3
A4
Cfilter
Cbypass
VCC
OUT
GND
GND
SLEEP
VREF
A1391x
Cbypass
VCC
OUT
GND
GND
SLEEP
VREF
A139x
Cbypass
VCC
OUT
GND
GND
SLEEP
VREF
A139x


Similar Part No. - A1391

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1391 ALLEGRO-A1391 Datasheet
494Kb / 16P
   Micro Power 3 V Linear Hall Effect Sensor ICs
A1391SEHLT-T2 ALLEGRO-A1391SEHLT-T2 Datasheet
492Kb / 16P
   Micro Power 3 V Linear Hall Effect Sensor ICs
A1391 ALLEGRO-A1391_16 Datasheet
492Kb / 16P
   Micro Power 3 V Linear Hall Effect Sensor ICs
More results

Similar Description - A1391

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3501 ALLEGRO-3501 Datasheet
189Kb / 4P
   LINEAR OUTPUT HALL EFFECT SENSORS
A1391 ALLEGRO-A1391_16 Datasheet
492Kb / 16P
   Micro Power 3 V Linear Hall Effect Sensor ICs
A1391 ALLEGRO-A1391 Datasheet
494Kb / 16P
   Micro Power 3 V Linear Hall Effect Sensor ICs
logo
Feeling Technology Corp...
FS50 FEELING-FS50 Datasheet
57Kb / 7P
   LINEAR HALL-EFFECT SENSORS
logo
Shaoxing Devechip Micro...
SDC49E SDC-SDC49E Datasheet
368Kb / 9P
   Linear Hall-effect Sensors
SDC3503 SDC-SDC3503 Datasheet
313Kb / 8P
   Linear Hall-effect Sensors
logo
Honeywell Accelerometer...
91SS12-2 HONEYWELL-ACC-91SS12-2 Datasheet
71Kb / 1P
   SOLID STATE LINEAR OUTPUT HALL EFFECT TRANSDUCER
logo
List of Unclassifed Man...
AH350 ETC-AH350 Datasheet
180Kb / 6P
   Linear Hall-Effect Sensors
logo
Shaoxing Devechip Micro...
SDC96B SDC-SDC96B Datasheet
309Kb / 8P
   Linear Hall-effect Sensors
logo
List of Unclassifed Man...
AMP50 ETC-AMP50 Datasheet
10Kb / 1P
   Hall effect linear sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com