Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYG26D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BYG26D
Description  SMA ultra fast soft-recovery controlled avalanche rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYG26D Datasheet(HTML) 5 Page - NXP Semiconductors

  BYG26D Datasheet HTML 1Page - NXP Semiconductors BYG26D Datasheet HTML 2Page - NXP Semiconductors BYG26D Datasheet HTML 3Page - NXP Semiconductors BYG26D Datasheet HTML 4Page - NXP Semiconductors BYG26D Datasheet HTML 5Page - NXP Semiconductors BYG26D Datasheet HTML 6Page - NXP Semiconductors BYG26D Datasheet HTML 7Page - NXP Semiconductors BYG26D Datasheet HTML 8Page - NXP Semiconductors BYG26D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2000 Feb 14
5
Philips Semiconductors
Product specification
SMA ultra fast soft-recovery
controlled avalanche rectifiers
BYG26 series
handbook, halfpage
102
10
1
MCD796
10−2
10−1
1
VR (V)
Cd
(pF)
10
102
Fig.6
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
102
10
1
MBL120
110
Zth j-tp
(K/W)
102
103
tp (ms)
104
Fig.7
Transient thermal impedance as a function
of pulse width.
MSB213
4.5
2.5
1.25
50
50
Fig.8 Printed-circuit board for surface mounting.
Dimensions in mm.
Material: AL2O3 or epoxy-glass.


Similar Part No. - BYG26D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
BYG26D TAYCHIPST-BYG26D Datasheet
3Mb / 2P
   SMA ultra fast soft-recovery controlled avalanche rectifiers
More results

Similar Description - BYG26D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
BYG26D TAYCHIPST-BYG26D Datasheet
3Mb / 2P
   SMA ultra fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
RS1 PHILIPS-RS1 Datasheet
60Kb / 12P
   SMA fast soft-recovery controlled avalanche rectifiers
2000 Feb 14
logo
EIC discrete Semiconduc...
BYD57DA EIC-BYD57DA Datasheet
113Kb / 3P
   ULTRA-FAST SOFT-RECOVERY CONTROLLED AVALANCHE RECTIFIERS
logo
NXP Semiconductors
BYD57 PHILIPS-BYD57 Datasheet
77Kb / 12P
   Ultra-fast soft-recovery controlled avalanche rectifiers
1999 Nov 11
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com