Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8785 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8785
Description  24-Bit, 192kHz Stereo ADC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8785 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8785_06 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8785_06 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8785_06 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8785_06 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8785_06 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8785_06 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8785_06 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8785_06 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8785_06 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Production Data
WM8785
w
PD Rev 4.1 December 2006
5
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously
operating at or beyond these limits. Device functional operating limits and guaranteed performance specifications are given
under Electrical Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
°C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
Digital supply voltage
-0.3V
+3.63V
Analogue supply voltage
-0.3V
+7V
Voltage range digital inputs
DGND -0.3V
DVDD + 0.3V
Voltage range analogue inputs
AGND -0.3V
AVDD +0.3V
Master Clock Frequency
40MHz
Operating temperature range, TA
-25
°C
+85
°C
Storage temperature after soldering
-65
°C
+150
°C
Note: Analogue and digital grounds must always be within 0.3V of each other.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital supply range
DVDD
2.7
3.6
V
Analogue supply range
AVDD
4.5
5.5
V
Ground
DGND,AGND
0
V


Similar Part No. - WM8785_06

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8785GEDS/RV WOLFSON-WM8785GEDS/RV Datasheet
321Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8785GEDS/V WOLFSON-WM8785GEDS/V Datasheet
321Kb / 31P
   24-Bit, 192kHz Stereo ADC
More results

Similar Description - WM8785_06

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8781 CIRRUS-WM8781 Datasheet
293Kb / 21P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8785 WOLFSON-WM8785 Datasheet
321Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_10 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782A CIRRUS-WM8782A Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8782 WOLFSON-WM8782 Datasheet
216Kb / 19P
   24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_06 Datasheet
248Kb / 21P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com