Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBSG11MNR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NBSG11MNR2G
Description  2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG11MNR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NBSG11MNR2G Datasheet HTML 1Page - ON Semiconductor NBSG11MNR2G Datasheet HTML 2Page - ON Semiconductor NBSG11MNR2G Datasheet HTML 3Page - ON Semiconductor NBSG11MNR2G Datasheet HTML 4Page - ON Semiconductor NBSG11MNR2G Datasheet HTML 5Page - ON Semiconductor NBSG11MNR2G Datasheet HTML 6Page - ON Semiconductor NBSG11MNR2G Datasheet HTML 7Page - ON Semiconductor NBSG11MNR2G Datasheet HTML 8Page - ON Semiconductor NBSG11MNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 8
1
Publication Order Number:
NBSG11/D
NBSG11
2.5V/3.3VSiGe 1:2
Differential Clock Driver
with RSECL* Outputs
*Reduced Swing ECL
Description
The NBSG11 is a 1−to−2 differential fanout buffer, optimized for
low skew and Ultra−Low JITTER.
Inputs incorporate internal 50
W termination resistors and accept
NECL (Negative ECL), PECL (Positive ECL), CML, LVCMOS,
LVTTL, or LVDS. Outputs are RSECL (Reduced Swing ECL),
400 mV.
Features
Maximum Input Clock Frequency up to 12 GHz Typical
Maximum Input Data Rate up to 12 Gb/s Typical
30 ps Typical Rise and Fall Times
125 ps Typical Propagation Delay
RSPECL Output with Operating Range: VCC = 2.375 V to 3.465 V
with VEE = 0 V
RSNECL Output with RSNECL or NECL Inputs with
Operating Range: VCC = 0 V with VEE = −2.375 V to −3.465 V
RSECL Output Level (400 mV Peak−to−Peak Output), Differential
Output Only
50 W Internal Input Termination Resistors
Compatible with Existing 2.5 V/3.3 V LVEP, EP, and LVEL Devices
Pb−Free Packages are Available
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
FCBGA−16
BA SUFFIX
CASE 489
MARKING DIAGRAMS*
QFN−16
MN SUFFIX
CASE 485G
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)
SG
11
ALYW
16
SG11
ALYW
G
G
1


Similar Part No. - NBSG11MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG11MNR2G ONSEMI-NBSG11MNR2G Datasheet
102Kb / 11P
   SiGe 1:2 Differential Clock Driver
June, 2014 ??Rev. 17
More results

Similar Description - NBSG11MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG111 ONSEMI-NBSG111 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14 ONSEMI-NBSG14_06 Datasheet
390Kb / 13P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
July, 2006 ??Rev. 9
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG11 ONSEMI-NBSG11_14 Datasheet
102Kb / 11P
   SiGe 1:2 Differential Clock Driver
June, 2014 ??Rev. 17
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NB7VQ58M ONSEMI-NB7VQ58M Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
MC100LVEP111 ONSEMI-MC100LVEP111_15 Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com