Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBSG11BA Datasheet(PDF) 6 Page - ON Semiconductor

Part # NBSG11BA
Description  2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG11BA Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NBSG11BA Datasheet HTML 2Page - ON Semiconductor NBSG11BA Datasheet HTML 3Page - ON Semiconductor NBSG11BA Datasheet HTML 4Page - ON Semiconductor NBSG11BA Datasheet HTML 5Page - ON Semiconductor NBSG11BA Datasheet HTML 6Page - ON Semiconductor NBSG11BA Datasheet HTML 7Page - ON Semiconductor NBSG11BA Datasheet HTML 8Page - ON Semiconductor NBSG11BA Datasheet HTML 9Page - ON Semiconductor NBSG11BA Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NBSG11
http://onsemi.com
6
Table 6. DC CHARACTERISTICS, INPUT WITH RSPECL OUTPUT VCC = 3.3 V; VEE = 0 V (Note 12)
Symbol
Characteristic
−40
°C
25
°C
70
°C(BGA)/85°C(QFN)**
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Negative Power Supply Current
45
60
75
45
60
75
45
60
75
mA
VOH
Output HIGH Voltage (Note 13)
2250
2330
2375
2325
2365
2400
2350
2390
2425
mV
VOUTPP
Output Amplitude Voltage
350
410
525
350
410
525
350
410
525
mV
VIH
Input HIGH Voltage (Single−Ended)
(Note 15)
VCC
1435
mV
VCC
1000
mV*
VCC
VCC
1435
mV
VCC
1000
mV*
VCC
VCC
1435
mV
VCC
1000
mV*
VCC
V
VIL
Input LOW Voltage (Single−Ended)
(Note 16)
VIH
2.5 V
VCC
1400
mV*
VIH
150
mV
VIH
2.5 V
VCC
1400
mV*
VIH
150
mV
VIH
2.5 V
VCC
1400
mV*
VIH
150
mV
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Note 14)
(Differential Configuration)
1.2
3.3
1.2
3.3
1.2
3.3
V
RTIN
Internal Input Termination Resistor
45
50
55
45
50
55
45
50
55
W
IIH
Input HIGH Current (@ VIH, VIHMAX)
80
150
80
150
80
150
mA
IIL
Input LOW Current (@ VIL, VILMIN)
25
100
25
100
25
100
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
12. Input and output parameters vary 1:1 with VCC. VEE can vary +0.925 V to −0.165 V.
13. All loading with 50
W to VCC − 2.0 V. VOH/VOL measured at VIH/VIL.
14. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
15. VIH cannot exceed VCC.
16. VIL always ≥ VEE.
*Typicals used for testing purposes.
**The device packaged in FCBGA−16 have maximum temperature specification of 70
°C and devices packaged in QFN−16 have maximum
temperature specification of 85
°C.


Similar Part No. - NBSG11BA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG11BA ONSEMI-NBSG11BA Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG11BAEVB ONSEMI-NBSG11BAEVB Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG11BAR2 ONSEMI-NBSG11BAR2 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
More results

Similar Description - NBSG11BA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG111 ONSEMI-NBSG111 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14 ONSEMI-NBSG14_06 Datasheet
390Kb / 13P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
July, 2006 ??Rev. 9
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG11 ONSEMI-NBSG11_14 Datasheet
102Kb / 11P
   SiGe 1:2 Differential Clock Driver
June, 2014 ??Rev. 17
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NB7VQ58M ONSEMI-NB7VQ58M Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
MC100LVEP111 ONSEMI-MC100LVEP111_15 Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com