Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBC12429AMNG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NBC12429AMNG
Description  3.3V/5V Programmable PLL Synthesized Clock Generator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12429AMNG Datasheet(HTML) 5 Page - ON Semiconductor

  NBC12429AMNG Datasheet HTML 1Page - ON Semiconductor NBC12429AMNG Datasheet HTML 2Page - ON Semiconductor NBC12429AMNG Datasheet HTML 3Page - ON Semiconductor NBC12429AMNG Datasheet HTML 4Page - ON Semiconductor NBC12429AMNG Datasheet HTML 5Page - ON Semiconductor NBC12429AMNG Datasheet HTML 6Page - ON Semiconductor NBC12429AMNG Datasheet HTML 7Page - ON Semiconductor NBC12429AMNG Datasheet HTML 8Page - ON Semiconductor NBC12429AMNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
NBC12429, NBC12429A
http://onsemi.com
5
Table 4. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 kΩ
Internal Input Pullup Resistor
37.5 kΩ
ESD Protection
Human Body Model
Machine Model
Charged Device Model
>2kV
> 150 V
>1kV
Moisture Sensitivity (Note 1)
Pb Pkg
Pb--Free Pkg
PLCC
LQFP
QFN
Level 1
Level 2
Level 1
Level 1
Level 2
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V--0 @ 0.125 in
Transistor Count
2035
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
Table 5. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Positive Supply
GND = 0 V
6
V
VI
Input Voltage
GND = 0 V
VI ± VCC
6
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
NBC12429
NBC12429A
0to70
--40 to +85
°C
Tstg
Storage Temperature Range
--65 to +150
°C
θJA
Thermal Resistance (Junction--to--Ambient)
0lfpm
500 lfpm
PLCC--28
PLCC--28
63.5
43.5
°C/W
°C/W
θJC
Thermal Resistance (Junction--to--Case)
Standard Board
PLCC--28
22 to 26
°C/W
θJA
Thermal Resistance (Junction--to--Ambient)
0lfpm
500 lfpm
LQFP--32
LQFP--32
80
55
°C/W
°C/W
θJC
Thermal Resistance (Junction--to--Case)
Standard Board
LQFP--32
12 to 17
°C/W
θJA
Thermal Resistance (Junction--to--Ambient)
0lfpm
500 lfpm
QFN--32
QFN--32
31
27
°C/W
°C/W
θJC
Thermal Resistance (Junction--to--Case)
2S2P
QFN--32
12
°C/W
Tsol
Wave Solder
Pb
Pb--Free
<3 sec @ 248°C
<3 sec @ 260°C
265
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Similar Part No. - NBC12429AMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12429AMNG ONSEMI-NBC12429AMNG Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
More results

Similar Description - NBC12429AMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
   DUAL 3.3V PLL CLOCK GENERATOR
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com